HWI322522-R15KF
AI

The **HWI322522-R15KF** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications where stability and high current handling are required in a compact form factor.
---
### 1. Technical Specifications
The part number follows a standard naming convention for passive components. Below is a breakdown of its core parameters:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH (denoted by R15) |
| **Tolerance** | ±10% (denoted by K) |
| **Case Size** | 3225 (Metric) / 1210 (Imperial) |
| **Dimensions** | 3.2mm x 2.5mm x 2.2mm |
| **Construction** | Wire-wound (Ferrite or Ceramic core) |
| **Material Type** | Lead-free (denoted by F) |
---
### 2. Part Number Deciphering
Understanding the alphanumeric code helps in identifying replacements or similar parts:
* **HWI**: Product series (High-frequency Wire-wound Inductor).
* **322522**: Physical dimensions in millimeters ($L \times W \times T$).
* **R15**: Nominal inductance value ($0.15 \mu H$).
* **K**: Tolerance code ($K = \pm 10\%$, $J = \pm 5\%$, $M = \pm 20\%$).
* **F**: RoHS compliance / Lead-free termination.
---
### 3. Key Electronic Characteristics
Wire-wound inductors like the HWI322522-R15KF offer specific advantages over multilayer ceramic or power inductors:
* **High Q Factor:** Because it uses actual copper wire wound around a core, it maintains a high Quality (Q) factor, making it excellent for RF (Radio Frequency) circuits.
* **High Self-Resonant Frequency (SRF):** Due to the low inductance (0.15 µH), this part is capable of operating at very high frequencies without becoming capacitive.
* **Low DC Resistance (DCR):** The physical wire provides a low-resistance path, minimizing power loss and heat generation.
---
### 4. Common Applications
This component is typically found in the following electronic circuits:
1. **RF Matching Networks:** Tuning and impedance matching in wireless communication modules.
2. **Filter Circuits:** Low-pass or band-pass filters in telecommunications.
3. **High-Speed Signal Lines:** Decoupling and noise suppression in high-speed data interfaces.
4. **Oscillators:** Used as a frequency-determining element in VCOs (Voltage Controlled Oscillators).
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ How does the 'K' tolerance compare to 'J' or 'M' in RF applications?
- ⤷ Can this inductor be used in high-temperature automotive environments?