HWS100A-48-R
AI

The **HWS100A-48-R** is an industrial-grade AC-DC single-output power supply manufactured by TDK-Lambda. It belongs to the HWS-A series, which is known for its high reliability and "limited lifetime warranty."
---
## 1. Technical Specifications
The core electronic characteristics of the HWS100A-48-R are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 48V DC |
| **Output Current** | 2.1 A |
| **Rated Power** | 100.8 Watts |
| **Input Voltage Range** | 85 - 265 VAC (Universal) or 120 - 370 VDC |
| **Efficiency** | 89% (at 200VAC) |
| **Form Factor** | Enclosed / Chassis Mount |
| **Cooling** | Convection Cooled (No Fan) |
| **Special Suffix (-R)** | Remote ON/OFF Control |
---
## 2. Key Electronic Components & Functions
### Input Stage
- **Universal Input:** Includes an EMI filter and a bridge rectifier to handle global AC voltages.
- **Active PFC:** Features Active Power Factor Correction to ensure compliance with EN61000-3-2 standards, reducing harmonic distortion.
### Conversion Stage
- **Switching Topology:** High-frequency switching design allows for a high power density and compact footprint.
- **Isolation:** Provides high-voltage isolation between the input and output (typically 3k VAC) to protect sensitive downstream electronics.
### Output Stage
- **Voltage Adjustment:** A potentiometer (trimmer) allows the user to adjust the 48V output, typically within a ±20% range (approx. 38.4V to 52.8V).
- **Remote ON/OFF (-R Suffix):** This specific model includes an external signal terminal. Applying a voltage/signal to these pins allows the user to toggle the output power without disconnecting the AC mains.
---
## 3. Protection Circuits
The electronic design includes several safety mechanisms to prevent damage to the unit or the load:
* **Over Current Protection (OCP):** Constant current limiting with automatic recovery.
* **Over Voltage Protection (OVP):** Shuts down the output if the voltage exceeds a safe threshold (typically 115-140%).
* **Thermal Protection:** While convection cooled, the internal circuitry is designed to derate or shut down if ambient temperatures exceed operating limits.
---
## 4. Physical Layout
The unit is housed in a ventilated metal enclosure. Wiring is handled via screw terminals:
1. **L, N, FG:** AC Input (Live, Neutral, Frame Ground).
2. **-V, +V:** DC Output terminals.
3. **CNT / TOG:** Remote ON/OFF control terminals (specific to the -R model).
- ⤷
How does the Remote ON/OFF function specifically interface with external controllers?
- ⤷ What are the environmental derating curves for this power supply?
- ⤷ Can this unit be wired in parallel with another HWS100A-48-R for more power?