I630-31BC9O2-155.520
AI

The part number **I630-31BC9O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like ILSI (now part of Abracon) or similar frequency control specialists.
---
### 1. Part Number Breakdown
Based on standard industry nomenclature for this series, here is the technical breakdown:
| Component Segment | Description | Specific Detail |
|:---|:---|:---|
| **I630** | Series Model | Low Jitter / Low Phase Noise VCXO |
| **31** | Operating Voltage | 3.3V DC Supply |
| **B** | Operating Temp | -20°C to +70°C (Standard Industrial) |
| **C** | Frequency Stability | ±50 ppm (Typical) |
| **9** | Pullability | ±100 ppm Min (Tuning Range) |
| **O2** | Output Type | LVPECL (Differential Output) |
| **155.520** | Nominal Frequency | 155.520 MHz |
---
### 2. Technical Specifications
This component is designed for high-speed telecommunications and data transfer.
* **Frequency (155.520 MHz):** This is a standard networking frequency, specifically used for **SONET/SDH (OC-3)** systems.
* **Output Logic (LVPECL):** Low-Voltage Positive Emitter-Coupled Logic. This provides a differential signal which is excellent for rejecting electromagnetic interference (EMI) and maintaining signal integrity over long PCB traces.
* **VCXO Functionality:** Unlike a standard clock, a VCXO allows the output frequency to be "steered" or adjusted slightly using a control voltage pin. This is essential for Phase-Locked Loops (PLLs) and frequency synchronization.
---
### 3. Common Applications
Due to its high frequency and low jitter characteristics, this part is found in:
1. **Optical Networking:** SONET/SDH, Gigabit Ethernet, and Fiber Channel.
2. **Telecommunications:** Base stations and backhaul equipment.
3. **Data Centers:** High-speed switches and routers.
4. **Clock Recovery:** Used in circuits that need to "lock onto" an incoming data stream's timing.
---
### 4. Implementation Example (Schematic Logic)
To use this part, a designer typically implements the following connections:
```markdown
Pin 1: VC (Voltage Control) -> Connects to a DAC or PLL Error Signal
Pin 2: OE (Output Enable) -> High for Active, Low for High-Z
Pin 3: GND -> System Ground
Pin 4: Output -> Differential (+) to Receiver
Pin 5: Complementary Out -> Differential (-) to Receiver
Pin 6: VDD -> +3.3V Supply
```
- ⤷
What are the equivalent alternative parts for this VCXO?
- ⤷ How does the LVPECL output differ from LVDS in this application?
- ⤷ What is the specific jitter performance rating for the I630 series?