I640-31AC8O2-155.520
AI

The part number **I640-31AC8O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies specializing in timing components like *ILSI America* (now part of Ecliptek/Abracon).
Below is the detailed breakdown of its electronic specifications and nomenclature.
### 1. General Specifications
This component is designed for high-speed networking and telecommunications equipment that requires stable clock signals.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Frequency** | 155.520 MHz |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage** | 3.3V DC |
| **Package Size** | 5.0mm x 7.0mm (Standard 6-pad SMD) |
---
### 2. Part Number Decoder
The alphanumeric string defines the specific electrical characteristics of the oscillator:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **I640** | Series/Model | Represents the 5x7mm surface mount VCXO series. |
| **31** | Operating Voltage | Typically indicates **3.3V** supply voltage. |
| **A** | Frequency Stability | Usually represents **±50ppm** or **±25ppm** (Check datasheet for specific grade). |
| **C** | Operating Temp | **0°C to +70°C** (Commercial Temperature Range). |
| **8** | Pulling Range | Indicates the minimum control range (e.g., **±80ppm** to **±100ppm**). |
| **O2** | Output Logic | Specifies **LVPECL** differential output. |
| **155.520** | Nominal Frequency | **155.520 MHz** (Standard frequency for OC-3/STM-1 SONET/SDH). |
---
### 3. Key Electronic Characteristics
* **LVPECL Output:** This is a differential signaling standard. It provides high-speed performance with low jitter, making it ideal for fiber optic systems and high-speed backplanes.
* **Voltage Control (V_c):** Unlike a standard crystal, a VCXO allows the output frequency to be "tuned" or adjusted slightly by applying an external analog voltage to Pin 1.
* **155.520 MHz Frequency:** This specific frequency is a fundamental building block for **SONET/SDH** telecommunication networks, specifically used in OC-3 and STM-1 transmission rates.
### 4. Typical Applications
* **Optical Networking:** SONET/SDH, Gigabit Ethernet.
* **Phase Locked Loops (PLL):** Used as a local oscillator that can be synchronized to a reference clock.
* **Broadband Access:** Data distribution and base station synchronization.
---
- ⤷What is the typical pinout configuration for a 6-pad 5x7mm VCXO?
- ⤷ How does the 'Pulling Range' affect the performance of this oscillator?
- ⤷ What are the common alternatives if this specific part is obsolete?