IA0204-R10KA
AI

Based on the technical nomenclature, the **IA0204-R10KA** is typically identified as an **SMD Power Inductor**, specifically a low-resistance, high-current component often used in automotive or industrial power management.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The IA0204 series belongs to the family of **Molded Power Inductors**. These are designed for high-density power applications where space is limited and electromagnetic interference (EMI) must be minimized.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Inductor (SMD) |
| **Inductance Value** | 0.10 µH (Indicated by R10) |
| **Tolerance** | ±10% (Indicated by K) |
| **Core Material** | Metal Alloy / Carbonyl Powder |
| **Construction** | Shielded (Molded) |
---
### 2. Part Number Breakdown
The alphanumeric code follows standard industry labeling for passive components:
* **IA0204**: The series and physical dimensions. Usually, "0204" refers to the footprint size (e.g., approx. 2.0mm x 4.0mm or similar metric equivalents depending on the manufacturer).
* **R10**: The Inductance value. "R" acts as the decimal point. $R10 = 0.10 \mu H$.
* **K**: The tolerance rating. $K = \pm 10\%$.
* **A**: Often denotes the packaging style (Tape & Reel) or an Automotive grade qualification (AEC-Q200).
---
### 3. Electrical Characteristics
These inductors are characterized by their ability to handle high "Sat" (Saturation) currents without the inductance dropping significantly.
| Parameter | Typical Value Range |
| :--- | :--- |
| **Inductance** | 0.10 µH |
| **DC Resistance (DCR)** | Extremely Low (typically < 5 mΩ) |
| **Saturation Current (Isat)** | High (often > 10A depending on size) |
| **Operating Temperature** | -40°C to +125°C |
---
### 4. Typical Applications
Because of the low inductance ($0.10 \mu H$) and high current capacity, this part is found in:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **DC-DC Converters:** High-frequency switching power supplies.
3. **Automotive Electronics:** Sensors, Infotainment, and ADAS systems.
4. **Telecom:** Compact base station power modules.
---
### 5. Mechanical & Soldering Considerations
* **SMT Mounting:** Designed for automated pick-and-place assembly.
* **Shielding:** The molded construction provides "self-shielding," reducing magnetic flux leakage that could interfere with nearby components.
* **Reflow:** Generally compatible with lead-free (Pb-Free) reflow profiles.
- ⤷What is the maximum saturation current for the IA0204 series?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?
- ⤷ What are the physical dimensions of the 0204 package size?