IA0204-R18KA
AI

## IA0204-R18KA Technical Overview
The **IA0204-R18KA** is a high-precision, sub-miniature **Inductive Proximity Sensor** typically manufactured by Carlo Gavazzi. These sensors are designed for non-contact detection of metallic objects in space-constrained industrial environments.
---
### 1. Key Specifications
The following table highlights the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Housing Diameter** | Ø 4.0 mm (Sub-miniature) |
| **Sensing Distance ($S_n$)** | 0.8 mm |
| **Installation Type** | Flush (Shielded) |
| **Output Type** | NAMUR (Analog current signal) |
| **Operating Voltage** | 7 - 9 VDC (Nominal 8.2 VDC) |
| **Switching Frequency** | 2000 Hz |
| **Housing Material** | Stainless Steel (AISI 303) |
| **Protection Degree** | IP 67 |
| **Connection** | 2-meter PVC Cable |
---
### 2. Operational Electronic Details
#### A. NAMUR Output Logic
Unlike standard PNP or NPN sensors that act as simple switches, the IA0204-R18KA utilizes a **NAMUR output**.
- **State 1 (No Target):** The sensor consumes high current (> 2.2 mA).
- **State 2 (Target Detected):** The sensor consumes low current (< 1.0 mA).
- **Safety:** This 2-wire interface is designed for use in intrinsically safe areas when paired with a galvanic isolator or a switching amplifier.
#### B. The Inductive Principle
The device contains an internal LC oscillating circuit.
1. The oscillator creates an electromagnetic field at the sensing face.
2. When a metallic object enters this field, **Eddy currents** are induced in the object.
3. This causes a loss of energy in the oscillator, which the internal electronics detect as a change in current consumption.
#### C. Flush Mounting
The "R18" in the part number indicates a short, stainless steel housing designed for **Flush mounting**. This means the sensor can be embedded directly into a metal mounting base up to its sensing face without causing a false trigger.
---
### 3. Connection Diagram (General)
```text
[ Power Supply +8.2V ] --- (Brown Wire) --- [ IA0204-R18KA ]
[ Control System/Amp ] --- (Blue Wire) --- [ Ground/Common ]
```
*Note: Because this is a NAMUR sensor, it must be connected to an amplifier or a PLC input card specifically designed for NAMUR signals to convert the current change into a binary (ON/OFF) signal.*
---
- ⤷
What are the compatible switching amplifiers for NAMUR sensors?
- ⤷ How does the sensing distance change if the target is made of aluminum instead of steel?
- ⤷ What is the difference between the IA0204-R18KA and a standard PNP version?