Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IA0204-R18MR

  • AI
    The **IA0204-R18MR** is a specific industrial input/output (I/O) expansion module, typically associated with Programmable Logic Controllers (PLCs) or distributed I/O systems (often used in Delta or similar industrial automation brands). Below is a breakdown of its electronic components and specifications. --- ### ## 1. Technical Specifications Overview The model name generally encodes the core electronic capabilities of the device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | AC Digital | Designed to detect 110V-220V AC signals. | | **Output Type** | Relay | Mechanical relay contacts for switching loads. | | **Input Points** | 4 Channels | Four discrete AC inputs. | | **Output Points** | 4 Channels | Four discrete relay outputs. | | **Isolation** | Optocoupler / Magnetic | Galvanic isolation between logic and field power. | --- ### ## 2. Core Electronic Components #### A. Input Section (AC Detection) Since the "IA" prefix denotes AC inputs, the internal circuitry typically includes: * **Bridge Rectifiers:** To convert incoming AC signals into a pulsing DC signal. * **Zener Diodes:** Used for voltage clamping and threshold detection to ensure the PLC only triggers at a specific voltage level. * **Optoisolators (Photocouplers):** These protect the internal CPU from high-voltage spikes by transmitting the signal via light. #### B. Output Section (Relay Swtiching) The "R" in the suffix indicates **Relay Outputs**: * **Electromechanical Relays:** Small physical switches that physically open or close a circuit. * **Flyback Diodes:** Placed across the relay coil to prevent voltage spikes from damaging the driving transistor when the coil is de-energized. * **Contact Material:** Usually Silver Alloy, designed to handle both AC and DC loads (typically up to 2A per point). #### C. Logic and Communication * **Microcontroller/ASIC:** Manages the communication between the expansion module and the main PLC unit via the backplane connector. * **LED Status Indicators:** Surface-mount LEDs that show the real-time status of each I/O point and the power/run status. --- ### ## 3. Wiring and Application Because this module uses **Relay Outputs**, it is electronically versatile but has mechanical limitations: * **Dry Contacts:** The relays act as simple switches; they do not provide power to the load internally. You must supply external power to the "Common" (C) terminal. * **Switching Frequency:** Because relays have physical moving parts, they are not suitable for high-speed switching (like PWM for motors). They are best for turning on lights, contactors, or solenoids. * **Voltage Range:** Typically supports 0-250V AC or 0-30V DC on the output side. --- ### ## 4. Summary Table: Pros and Cons | Feature | Advantage | Disadvantage | | :--- | :--- | :--- | | **Electronic Versatility** | Can switch both AC and DC loads. | Slow switching speeds (approx. 10ms). | | **Electrical Safety** | High isolation via relays and optocouplers. | Mechanical wear over time (finite cycle life). | | **Input Handling** | Directly accepts high-voltage AC sensors. | Higher heat dissipation compared to DC inputs. |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per channel for the IA0204-R18MR?
    • ⤷ How do I wire a 220V AC load to the relay output of this module?
    • ⤷ Can this module be used with a Modbus TCP bus coupler?