IA0204-R39MA
AI

The **IA0204-R39MA** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These components are critical for voltage regulation and filtering in modern power management circuits.
Below is a detailed breakdown of its specifications, construction, and applications.
---
## 1. Technical Specifications
While exact specifications can vary slightly by manufacturer (often associated with brands like **Sunlord** or **I-Core**), the alphanumeric code typically breaks down as follows:
| Parameter | Specification (Typical) | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH (R39) | The ability to store energy in a magnetic field. |
| **Tolerance** | ±20% (M) | The allowable deviation from the nominal inductance. |
| **Case Size** | 0204 | Dimensional code (approx. 2.0mm x 4.0mm). |
| **Current Rating** | High Current | Designed for DC-DC converters (often 5A to 15A+). |
| **DCR** | Very Low | Low Direct Current Resistance to minimize heat loss. |
---
## 2. Key Internal Components
The IA0204-R39MA is engineered to handle high power densities in a small footprint.
* **Core Material:** Usually a **Metal Alloy Powder** or **Manganese-Zinc (MnZn)**. Metal alloy cores are preferred for high-current applications because they offer "soft saturation" characteristics, meaning the inductance doesn't drop abruptly when current increases.
* **Winding:** A flat or round copper wire is wound internally. Flat wire is often used in these "R39" series to reduce the skin effect and improve efficiency at high frequencies.
* **Shielding:** Most components in this series are **Magnetically Shielded**. This prevents electromagnetic interference (EMI) from affecting neighboring components on the PCB.
---
## 3. Function in a Circuit
The IA0204-R39MA serves three primary roles in electronic assemblies:
1. **Energy Storage:** In Buck (step-down) converters, it stores energy during the "ON" cycle of the switching transistor and releases it during the "OFF" cycle to maintain a steady output voltage.
2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through freely.
3. **Current Smoothing:** It prevents rapid changes in current, protecting sensitive downstream components like CPUs or FPGAs.
---
## 4. Typical Applications
* **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards.
* **DC-DC Converters:** Used in telecommunications and industrial power supplies.
* **Portable Electronics:** High-efficiency power stages in tablets and laptops.
* **LED Drivers:** Providing stable current for high-brightness LEDs.
---
- ⤷
What are the specific physical dimensions of the 0204 package size?
- ⤷ How does the 'soft saturation' of a metal alloy inductor differ from a ferrite core?
- ⤷ Can you provide a circuit diagram example where this inductor would be used?