IA82527-PLC44A-R
AI

### Overview of IA82527-PLC44A-R
The **IA82527-PLC44A-R** is a high-performance Serial Communications Controller that implements the **CAN (Controller Area Network) Protocol Specification 2.0 (Part A and B)**. It was originally designed by Intel (82527) and is currently manufactured by Innovasic (now part of Analog Devices).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Protocol Support** | CAN 2.0B (Active), Standard & Extended Frames |
| **Interface** | 8-bit Parallel (Multiplexed/Non-multiplexed) |
| **Package Type** | PLCC-44 (Plastic Leaded Chip Carrier) |
| **Operating Voltage** | 5.0V (Typical) |
| **Baud Rate** | Up to 1 Mbps |
| **Temperature Range** | Industrial (-40°C to +85°C) |
| **Data Buffers** | 15 Message Objects |
---
### 2. Functional Electronic Components
The internal architecture of the IA82527 is divided into several functional blocks that manage the complexity of the CAN protocol:
#### A. CAN Interface Block
This is the "Physical Layer" interface of the chip. It manages the bit-timing logic, synchronization, and the serial stream of data.
* **Bit Timing Logic (BTL):** Monitors the bus line and handles the sampling of bits.
* **Error Management Unit (EMU):** Handles error detection (stuffing, CRC, form, and acknowledgment errors).
#### B. Message Handler and Control Logic
This acts as the CPU's representative inside the chip.
* It handles the acceptance filtering (deciding which messages are meant for the local node).
* It manages the transfer of data between the CAN bus and the Message Objects.
#### C. Message Memory (RAM)
The chip contains dedicated RAM to store **15 Message Objects**.
* **Objects 1-14:** Can be configured for either transmission or reception.
* **Object 15:** Specifically designed for receive-only with double buffering to prevent data loss during high-traffic periods.
#### D. Microprocessor Interface (MPI)
The IA82527 is designed to be a peripheral to a microcontroller (like an 8051 or 68HC11).
* It supports **Multiplexed** address/data buses.
* It supports **Non-multiplexed** 8-bit buses.
* It includes a **Serial Interface Mode** (SPI-like) for systems with low pin counts.
---
### 3. Pin Configuration Highlights (PLCC-44)
The "PLC44" in the part number refers to the 44-pin Plastic Leaded Chip Carrier. Key pins include:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **AD0 - AD7** | Address/Data Bus | 8-bit bidirectional bus for communication with the MCU. |
| **TX0 / TX1** | CAN Transmit | Output pins to the CAN transceiver. |
| **RX0 / RX1** | CAN Receive | Input pins from the CAN transceiver. |
| **XTAL1 / XTAL2** | Oscillator | Input for the crystal or external clock circuit. |
| **INT** | Interrupt | Signals the MCU when a message is received or an error occurs. |
---
### 4. Implementation Context
To use this part in a real-world circuit, you generally need the following surrounding components:
1. **CAN Transceiver:** The IA82527 provides logic-level signals. You need a transceiver (like an MCP2551 or TJA1050) to convert these to the differential signals used on the CAN bus.
2. **Termination:** A $120\Omega$ resistor at the ends of the CAN bus.
3. **Host MCU:** A microcontroller to initialize the registers and process the data.
- ⤷
What is the difference between CAN 2.0A and CAN 2.0B supported by this chip?
- ⤷ Can you provide a wiring diagram example for connecting the IA82527 to a CAN transceiver?
- ⤷ What are the specific power consumption ratings for this device during active transmission?