ICPL0501SMT-R
AI

## ICPL0501SMT-R: High-Speed Optocoupler Analysis
The **ICPL0501SMT-R** is a high-speed, single-channel optocoupler (optically coupled isolator) manufactured by Isocom Components. It is designed to provide electrical isolation between input and output circuits while transferring signals at high speeds.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Package Type** | SOP-8 (Surface Mount) |
| **Data Rate** | 1 Mbit/s (Typical) |
| **Isolation Voltage** | 3750 Vrms |
| **Common Mode Rejection (CMR)** | 10 kV/μs (Typical) |
| **Collector-Emitter Voltage ($V_{CEO}$)** | -0.5V to 15V |
| **Forward Current ($I_F$)** | 25 mA |
| **Operating Temperature** | -55°C to +100°C |
| **Configuration** | Open Collector Output |
---
### 2. Internal Components & Operation
The ICPL0501 utilizes an internal architecture designed for speed compared to standard phototransistor optocouplers:
* **Input Stage:** An AlGaAs Infrared LED.
* **Output Stage:** An integrated high-speed photodetector consisting of a photodiode and a transistor.
* **Design Logic:** By separating the photodiode and the output transistor, the device reduces the base-collector capacitance, allowing for much faster switching speeds than conventional optocouplers.
---
### 3. Pin Configuration
The SOP-8 package follows a standard industry footprint for high-speed couplers:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | N.C. | No Connection |
| 2 | Anode | LED Input (+) |
| 3 | Cathode | LED Input (-) |
| 4 | N.C. | No Connection |
| 5 | GND | Ground |
| 6 | $V_O$ | Output (Collector) |
| 7 | $V_B$ | Base (Usually not connected or for biasing) |
| 8 | $V_{CC}$ | Supply Voltage |
---
### 4. Key Applications
Due to its high noise immunity and speed, the ICPL0501SMT-R is commonly found in:
1. **Industrial Controls:** Isolation of logic circuits from high-voltage transients.
2. **Switching Power Supplies:** Feedback loops where high-speed response is critical.
3. **Line Receivers:** Eliminating ground loops in data transmission.
4. **IPM (Intelligent Power Module) Interfacing:** Providing gate drive isolation.
---
### 5. Circuit Implementation Example
The output is an **Open Collector**, meaning an external pull-up resistor is required to define the logic "High" state.
```c
// Typical Connection Schematic Representation
[Input Signal] -> [R_limit] -> [Pin 2 (Anode)]
[Ground] -> [Pin 3 (Cathode)]
[Vcc (5V/15V)] -> [Pin 8]
[Vcc] -> [R_pullup] -> [Pin 6 (Output)]
[Ground] -> [Pin 5]
```
- ⤷
What is the difference between the ICPL0501 and the 6N136 optocoupler?
- ⤷ How do I calculate the appropriate pull-up resistor for the open collector output?
- ⤷ Does this part comply with automotive safety standards like AEC-Q100?