Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ICS508MIT

  • AI
    ### Analysis of the ICS508MIT Integrated Circuit The **ICS508MIT** is a high-performance, low-phase noise clock multiplier (Phase-Locked Loop or PLL) manufactured by Renesas (formerly Integrated Device Technology - IDT). It is primarily used for clock generation and frequency synthesis in communication and computing systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | ICS508MIT | | **Function** | PECL Clock Multiplier | | **Input Frequency Range** | 10 MHz to 27 MHz | | **Output Frequency Range** | Up to 250 MHz | | **Operating Voltage** | 3.3V ± 10% | | **Output Type** | PECL (Positive Emitter-Coupled Logic) | | **Package Type** | 8-pin MSOP (Mini Small Outline Package) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Functional Description The ICS508MIT is designed to take a low-frequency crystal or clock input and multiply it to a high-speed PECL output. This is essential for driving high-speed data paths where signal integrity and low jitter are critical. #### Core Features: * **PLL Architecture:** Uses an internal Phase-Locked Loop to synchronize the output frequency to a multiple of the input. * **Multiplication Factor:** It typically supports fixed or selectable multipliers (often x8, x10, etc., depending on the specific strapping of the device). * **Low Jitter:** Optimized for low "period jitter," making it suitable for high-speed Ethernet, Fibre Channel, and SONET applications. * **Tri-state Output:** Includes an output enable (OE) pin to disconnect the clock signal for power saving or testing. --- ### 3. Pin Configuration Overview | Pin Name | Description | | :--- | :--- | | **X1/ICLK** | Crystal connection or external clock input. | | **X2** | Crystal connection (leave floating if using external clock). | | **VDD** | Power supply (3.3V). | | **GND** | Ground connection. | | **OE** | Output Enable (Activates the output when High). | | **PECL Out** | High-speed differential or single-ended PECL output clock. | --- ### 4. Application Use Cases * **Network Switches/Routers:** Generating high-speed reference clocks from standard 25MHz crystals. * **Fiber Optics:** Driving optical transceivers. * **Embedded Systems:** Providing stable timing for FPGAs and high-speed Microprocessors. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific multiplication factors available for the ICS508MIT?
    • ⤷ How does the PECL output termination differ from standard CMOS logic?
    • ⤷ Can the ICS508MIT be used with a 5V power supply?