Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ICS663MIT

  • AI
    ## Overview of the ICS663MIT The **ICS663MIT** (often associated with the IDT/Renesas portfolio) is a low-power, high-performance **Phase-Locked Loop (PLL)** based clock synthesizer. It is specifically designed to replace multiple crystals or oscillators in electronic systems, providing a low-jitter clock output from a single crystal or clock input. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Frequency** | 5 MHz to 27 MHz (Crystal or Clock) | | **Output Frequency** | Up to 120 MHz | | **Operating Voltage** | 3.3 V ± 10% | | **Supply Current** | ~12 mA (Active), <10 µA (Power-down) | | **Package Type** | 8-pin SOIC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Functional Components The internal architecture of the ICS663MIT consists of several critical electronic blocks: #### A. Crystal Oscillator Circuit The device includes an on-chip oscillator that requires only an external, inexpensive, fundamental mode parallel resonant crystal. It can also accept a reference clock from another source. #### B. Phase-Locked Loop (PLL) The heart of the chip is the PLL. It consists of: * **Phase Detector:** Compares the input frequency to the feedback frequency. * **Charge Pump & Loop Filter:** Converts phase differences into a control voltage. * **VCO (Voltage Controlled Oscillator):** Generates the high-frequency output based on the control voltage. #### C. Multiplier Select (S0, S1) The chip features digital logic pins (S0 and S1) that allow the user to select the multiplication factor. This determines the relationship between the input frequency ($f_{in}$) and the output frequency ($f_{out}$). --- ### 3. Pin Configuration | Pin Number | Name | Type | Description | | :---: | :--- | :--- | :--- | | 1 | **X1/ICLK** | Input | Crystal connection or external clock input. | | 2 | **X2** | Output | Crystal connection (leave floating if using ICLK). | | 3 | **VDD** | Power | 3.3V Power Supply. | | 4 | **GND** | Power | Ground connection. | | 5 | **S1** | Input | Multiplier select pin 1 (Internal pull-up). | | 6 | **S0** | Input | Multiplier select pin 0 (Internal pull-up). | | 7 | **CLK** | Output | Clock output. | | 8 | **OE** | Input | Output Enable (Active high). | --- ### 4. Common Applications * **Digital Video:** Providing clocking for MPEG encoders/decoders. * **Networking:** Synchronizing data transmission in routers or switches. * **Consumer Electronics:** Reducing PCB footprint by eliminating bulky oscillators in handheld devices. * **Embedded Systems:** Generating high-speed MCU clocks from low-speed crystals. --- ### 5. Design Considerations * **Decoupling:** A 0.01µF or 0.1µF ceramic capacitor should be placed as close to the VDD pin as possible to minimize noise. * **Jitter Management:** To ensure low jitter, the trace from the crystal to the X1/X2 pins should be kept short, with a solid ground plane underneath. * **Termination:** For high-frequency outputs, a series termination resistor (typically 33Ω) may be needed at the CLK pin to match trace impedance.
    ✨ Follow-up Questions
    • ⤷ What are the specific multiplication factors available via the S0 and S1 pins?
    • ⤷ Can the ICS663MIT be used in 5V logic systems?
    • ⤷ What is the typical output jitter performance for this specific PLL?