Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ICS9DB803DI

  • AI
    ### Overview of the ICS9DB803DI The **ICS9DB803DI** is a high-performance, low-power **8-output differential buffer** designed specifically for PCIe (Peripheral Component Interconnect Express) Gen1, Gen2, and Gen3 applications. It is part of Renesas' (formerly IDT) family of zero-delay buffers. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | 8 Differential HCSL (Host Clock Signal Level) pairs | | **Input Type** | 1 Differential pair (HCSL, LVDS, or LVPECL) | | **Operating Voltage** | 3.3V ± 5% | | **Frequency Range** | 33 MHz to 400 MHz | | **Jitter Performance** | Low additive phase jitter (< 1ps RMS) | | **Operating Temperature** | Industrial Grade (-40°C to +85°C) | | **Package** | 48-pin TSSOP or VFQFPN | --- ### Core Functions and Features 1. **Clock Distribution:** It takes a single differential clock input and distributes it to eight identical outputs with minimal skew. 2. **PLL and Bypass Modes:** * **PLL Mode:** Provides zero delay between input and output clocks, useful for synchronous systems. * **Bypass Mode:** Acts as a fan-out buffer, useful for testing or when zero delay is not required. 3. **Individual Output Enables:** The device features dedicated pins (OE#) to enable or disable specific outputs, allowing for power savings in subsystems that are not in use. 4. **Spread Spectrum Compatibility:** It is designed to track spread spectrum clocking (SSC) inputs to reduce Electromagnetic Interference (EMI) without distorting the signal. --- ### Pin Configuration Categories | Pin Category | Description | | :--- | :--- | | **DIF_IN / DIF_IN#** | Differential clock input pins. | | **DIF(0:7) / DIF(0:7)#** | Eight differential HCSL output pairs. | | **OE(0:7)#** | Active low output enable pins for each differential pair. | | **VDD / GND** | Power supply (3.3V) and Ground pins. | | **FB_IN / FB_OUT** | Feedback input/output used for PLL synchronization. | | **BYPASS#** | Selection pin to switch between PLL mode and Fan-out mode. | --- ### Applications The ICS9DB803DI is commonly found in complex electronic environments that require precise clocking across multiple components: * **Servers and Workstations:** Distributing PCIe clocks to multiple expansion slots. * **Networking Equipment:** Used in high-speed routers and switches. * **Storage Area Networks (SAN):** Ensuring synchronized data transfer in high-density storage. * **Embedded Computing:** Industrial motherboards requiring multiple high-speed serial links.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between using this chip in PLL mode versus Bypass mode?
    • ⤷ How does HCSL signaling compare to LVPECL in PCIe applications?
    • ⤷ What are the recommended termination techniques for the ICS9DB803DI outputs?