Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IDT7133LA55G

  • AI
    ## IDT7133LA55G: Technical Overview The **IDT7133LA55G** is a high-speed, low-power **2K x 16 Dual-Port Static RAM (SRAM)**. Manufactured by Renesas (formerly Integrated Device Technology - IDT), this component is designed for applications where two independent processors or buses need to access a shared memory space simultaneously. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (2K x 16 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Technology** | CMOS (High Performance) | | **Interface** | Parallel (Dual-Port) | | **Package Type** | 68-pin PGA (Ceramic Pin Grid Array) | | **Operating Voltage** | 5.0V ± 10% | | **Operating Current** | Low Power ("LA" Version) | --- ### 2. Functional Characteristics The "Dual-Port" nature of this chip is its most critical feature. It allows two different systems to read from or write to any location in the memory at the same time. * **Independent Controls:** The chip features two sets of completely independent control, address, and I/O pins (Left Port and Right Port). * **Arbitration Logic:** It includes internal logic to handle contention. If both ports attempt to write to the same address simultaneously, the device manages the priority. * **Interrupt Function:** It provides an "Interrupt Flag" to facilitate communication between the two processors, signaling when one has updated specific memory locations. * **Master/Slave Operations:** The device supports "Master" and "Slave" configurations to allow for easy expansion of data bus widths (e.g., combining two chips for a 32-bit data path). --- ### 3. Part Number Decoder Understanding the suffix and prefix codes provides insight into the specific grade of the component: | Code | Meaning | | :--- | :--- | | **IDT7133** | Base Part Number (2K x 16 Dual-Port SRAM) | | **LA** | Low Power version | | **55** | Speed (55ns Access Time) | | **G** | Ceramic Pin Grid Array (PGA) Package | --- ### 4. Typical Applications Because this chip acts as a "bridge" between two systems, it is commonly found in: 1. **Digital Signal Processing (DSP):** Sharing data between a DSP and a host CPU. 2. **Network Hardware:** Buffering data between a network controller and a system processor. 3. **Industrial Controllers:** Managing communication between a real-time control unit and a user interface unit. 4. **Legacy Aerospace/Military Systems:** The ceramic PGA package (suffix G) is often chosen for its thermal durability and reliability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions of this chip?
    • ⤷ How does the chip handle simultaneous writes to the same memory address?
    • ⤷ Are there modern
    • ⤷ surface-mount equivalents to the 68-pin PGA package?