Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IDT7134LA55L48I

  • AI
    ## IDT7134LA55L48I: Technical Overview The **IDT7134LA55L48I** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** originally manufactured by Integrated Device Technology (now part of Renesas Electronics). Dual-port RAMs are specialized memory chips that allow two separate processors or buses to access the same memory space simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static Random Access Memory) | | **Organization** | 4K x 8 (32 Kilobits) | | **Access Time** | 55 ns (Nanoseconds) | | **Interface** | Parallel (Dual Port) | | **Voltage Supply** | 5.0V (±10%) | | **Package Type** | LCC-48 (Leadless Chip Carrier, 48-pin) | | **Operating Temp** | Industrial (-40°C to +85°C) | | **Power Consumption** | Low Power ("LA" Version) | --- ### 2. Part Number Breakdown Understanding the suffix and prefix codes helps identify the specific hardware capabilities: * **IDT7134**: The base part number for a 4K x 8 Dual-Port RAM. * **LA**: **L**ow Power **A**ctive version (reduced power consumption during operation and standby). * **55**: The speed grade, indicating a maximum access time of **55ns**. * **L48**: Indicates the package type, which is a **48-pin Leadless Chip Carrier (LCC)**. * **I**: **Industrial** temperature range classification. --- ### 3. Core Functional Components The electronics of this chip are designed to handle "Contention" (when both ports try to write to the same address). * **Dual Port Logic:** Unlike standard RAM, this chip has two sets of address, data, and control lines (Left Port and Right Port). * **Arbitration & Semaphores:** It includes hardware support for signaling between two processors to prevent data corruption. * **Static Storage Cells:** Because it is SRAM, it does not require refreshing (unlike DRAM), making it faster and simpler to interface with. --- ### 4. Common Applications Due to its ability to bridge two different systems, it is commonly used in: 1. **Multiprocessor Systems:** Sharing data between a main CPU and a DSP (Digital Signal Processor). 2. **Communication Buffering:** Handling data flow between different bus architectures. 3. **Industrial Controllers:** Where high reliability and wide temperature ranges are required. --- ### 5. Pinout Concept (LCC-48) ```c // Abstract representation of port controls Port_Left { Address: A0L - A11L Data: I/O 0L - I/O 7L Control: CE\, OE\, R/W\, SEM\ } Port_Right { Address: A0R - A11R Data: I/O 0R - I/O 7R Control: CE\, OE\, R/W\, SEM\ } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions of this IDT chip?
    • ⤷ How does the semaphore logic prevent data collisions in this dual-port RAM?
    • ⤷ Is there a modern pin-compatible replacement for the IDT7134 in an LCC-48 package?