Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IDT7140LA55L48GI

  • AI
    The **IDT7140LA55L48GI** is a high-performance Dual-Port Static RAM (SRAM) manufactured by Renesas (formerly Integrated Device Technology - IDT). This specific part is designed to allow two independent systems to access the same memory space simultaneously. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM - Dual Port, Asynchronous | | **Memory Size** | 8 Kbit (1K x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Operating Voltage** | 4.5V to 5.5V (Standard 5V) | | **Power Consumption** | Low Power ("LA" Version) | | **Package / Case** | 48-LCC (Leadless Chip Carrier) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify the specific variant of this component: * **IDT7140**: The base model number for a 1K x 8 Dual-Port RAM. * **LA**: Indicates the **Low Power** version (ideal for battery-backed or heat-sensitive applications). * **55**: Represents the **Speed**; in this case, a 55ns access time. * **L48**: Refers to the **Package Type**; a 48-pin ceramic Leadless Chip Carrier. * **G**: Indicates a **Hermetic** (sealed) package, often used for high-reliability environments. * **I**: Refers to the **Industrial** grade temperature rating. --- ### 3. Key Features & Internal Logic The IDT7140 is unique because it features two completely independent ports (Left and Right) with their own control, address, and I/O pins. #### A. Arbitration & Semaphore Logic Since two processors might try to write to the same memory location at once, the chip includes: * **Busy Logic:** Signals one processor to wait if the other is currently accessing the same address. * **Interrupt Logic:** Allows one port to send a signal to the other port, facilitating communication between two CPUs. #### B. Asynchronous Operation The device does not require a clock signal. Data is accessed based on the transition of address lines and chip-enable signals, making it easy to interface with older or simpler microprocessors. --- ### 4. Common Applications * **Inter-processor Communication:** Acting as a "mailbox" between two different microcontrollers. * **Digital Signal Processing (DSP):** Buffering data between a high-speed sensor and a processing unit. * **Industrial Automation:** Handling data exchange between a main controller and a dedicated I/O processor.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IDT7130 and IDT7140 models?
    • ⤷ How does the 'Busy' pin function during a write collision?
    • ⤷ Are there modern CMOS replacements for this specific 48-LCC package?