AI

The **IDT7143LA55F** is a high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is specifically designed for applications requiring high-speed data access and shared memory between two independent processors or buses.
---
### 1. Key Technical Specifications
The alphanumeric code "LA55F" provides specific information regarding its power consumption, speed, and packaging.
| Feature | Specification |
| :--- | :--- |
| **Memory Capacity** | 32K (2K x 16-bit) |
| **Type** | Dual-Port Static RAM (SRAM) |
| **Access Time** | 55ns (indicated by "55") |
| **Power Version** | Low Power (indicated by "LA") |
| **Package Type** | Flatpack / Ceramic (indicated by "F") |
| **Supply Voltage** | 5V ± 10% |
---
### 2. Core Functional Blocks
The IDT7143 is unique because it allows two different systems to read and write to the same memory space simultaneously.
* **Dual-Port Architecture:** It features two independent sets of control, address, and I/O pins (Left Port and Right Port).
* **Arbitration Logic:** Since two ports could try to write to the same address at the same time, the chip includes hardware "Busy" logic signals to manage access conflicts.
* **Interrupt Logic:** It provides a "Mailbox" interrupt feature, allowing one processor to signal the other that data is ready for pickup.
---
### 3. Pinout Categories
The device is complex due to the doubling of pins for dual-port functionality:
| Category | Description |
| :--- | :--- |
| **$A_0L - A_{10}L$ / $A_0R - A_{10}R$** | Address inputs for Left and Right ports. |
| **$I/O_{0L} - I/O_{15}L$ / $I/O_{0R} - I/O_{15}R$** | 16-bit Data inputs/outputs for each port. |
| **$\overline{CE}$, $\overline{OE}$, $R/\overline{W}$** | Control signals: Chip Enable, Output Enable, Read/Write. |
| **$\overline{BUSY}$** | Output signal indicating a port access collision. |
| **$\overline{INT}$** | Interrupt flag for inter-processor communication. |
---
### 4. Typical Applications
Because this chip acts as a "bridge" between two systems, it is commonly found in:
* **Digital Signal Processing (DSP):** Passing data between a DSP and a main CPU.
* **Network Equipment:** Buffering data between a network controller and a system bus.
* **Multiprocessor Systems:** Sharing global variables or message queues.
* **Aerospace/Military:** The "F" (Ceramic Flatpack) version is often used in high-reliability or legacy defense electronics.
---
### 5. Part Number Breakdown
```text
IDT 7143 LA 55 F
| | | | |
| | | | +-- Package (Ceramic Flatpack)
| | | +----- Speed (55 nanoseconds)
| | +--------- Power (Low Power)
| +--------------- Device Type (2K x 16 Dual-Port RAM)
+-------------------- Manufacturer (IDT)
```
- ⤷
What is the difference between the 'LA' and 'SA' power versions of this chip?
- ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same memory address?
- ⤷ Are there modern pin-compatible replacements for the IDT7143?