IDT7143LA55PF
AI

## IDT7143LA55PF: Electronic Specifications and Overview
The **IDT7143LA55PF** is a high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory space simultaneously without collision issues, thanks to its internal arbitration logic.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | SRAM (Dual-Port) |
| **Density** | 16 Kbit (2K x 8) |
| **Access Time** | 55 ns |
| **Voltage Supply** | 4.5V to 5.5V (5V Nominal) |
| **Interface** | Parallel |
| **Package Type** | TQFP-80 (Thin Quad Flat Pack) |
| **Operating Temp** | 0°C ~ 70°C (Commercial Grade) |
| **Power Consumption** | Low Power ("LA" Version) |
---
### 2. Functional Description
The "Dual-Port" nature of this chip means it has two sets of completely independent control, address, and I/O pins. This allows a **Left Port** and a **Right Port** to read or write to any location in the memory at the same time.
#### Core Features:
* **True Dual-Ported Memory:** Internal logic handles the synchronization between the two ports.
* **Arbitration Logic:** It includes "Busy" flags (`/BUSY`) to notify a port if the other port is currently writing to the same memory location.
* **Interrupt Function:** It features `/INT` flags that allow one processor to signal the other, facilitating inter-processor communication.
* **Asynchronous Operation:** The two ports can operate at different speeds or clock cycles.
---
### 3. Pinout & Signal Categories
The TQFP-80 package organizes pins into several functional groups:
| Signal Group | Name | Description |
| :--- | :--- | :--- |
| **Address Lines** | A0L - A10L / A0R - A10R | Address inputs for Left and Right ports. |
| **Data I/O** | I/O0L - I/O7L / I/O0R - I/O7R | 8-bit bidirectional data bus for each port. |
| **Control Signals** | /CE, /OE, R/W | Chip Enable, Output Enable, and Read/Write controls. |
| **Arbitration** | /BUSY, /SEM | Handles hardware collisions and semaphore management. |
| **Interrupts** | /INTL, /INTR | Signals used for mailbox-style communication. |
---
### 4. Part Number Breakdown
Understanding the suffix helps in identifying specific variants:
* **IDT7143**: The base model (2K x 8 Dual-Port RAM).
* **LA**: Low Power version (standard is 'S').
* **55**: 55 nanoseconds access time.
* **PF**: TQFP Plastic Package.
---
### 5. Common Applications
* **Multi-Processor Systems:** Sharing data between two CPUs.
* **Digital Signal Processing (DSP):** Passing processed data to a general-purpose controller.
* **Communication Buffering:** Handling data flow between two different buses.
* **Embedded Systems:** Real-time data logging where one port writes sensor data and the other reads for display/transmission.
- ⤷
What is the difference between the 'LA' and 'S' versions of this chip?
- ⤷ How does the /BUSY signal prevent data corruption in this SRAM?
- ⤷ Are there modern pin-compatible replacements for the IDT7143 series?