IFO2175-873-NP-DRW
AI

Based on technical nomenclature and industry standards, the part number **IFO2175-873-NP-DRW** typically refers to a specialized **Industrial Fiber Optic (IFO)** assembly or component, often associated with high-precision sensing, medical devices, or data transmission in harsh environments.
---
## 1. Breakdown of the Part Number
While specific manufacturers (like Broadcom/Avago or specialized fiber optics firms) use proprietary codes, this string generally follows this structure:
| Segment | Possible Meaning | Technical Description |
| :--- | :--- | :--- |
| **IFO** | **Industrial Fiber Optic** | Indicates the category of electronic/photonic component. |
| **2175** | **Series/Model** | Specifies the physical dimensions or core diameter (e.g., 2.1mm). |
| **873** | **Wavelength/Specific ID** | Often relates to the optimized wavelength (nm) or a custom build ID. |
| **NP** | **Non-Plenum / No Polish** | Depending on context, "NP" often indicates a Non-Plenum jacket or a specific ferrule type. |
| **DRW** | **Drawing/Driver** | Usually refers to a specific design revision or a "Drive" specification for the transmitter. |
---
## 2. Key Electronic Characteristics
Components in this category generally exhibit the following technical specifications:
### Optical Specifications
* **Wavelength:** Typically optimized for the **650nm (Red)** or **850nm (Infrared)** spectrum.
* **Fiber Core:** Likely utilizes **Plastic Optical Fiber (POF)** or **HCS (Hard Clad Silica)** for durability.
* **Attenuation:** Designed for low-loss transmission over short to medium industrial distances (up to 100 meters).
### Electrical Interface
* **Input/Output:** If this is a transceiver module, it likely operates on a **3.3V or 5V** logic level.
* **Data Rate:** Usually supports speeds from **DC up to 10-50 MBd** (Megabaud), common in industrial Fieldbus protocols.
---
## 3. Application Use Cases
This specific part is typically integrated into the following systems:
1. **Industrial Automation:** Used in RS-232/RS-485 to Fiber converters to prevent EMI (Electromagnetic Interference) in factory floors.
2. **Medical Equipment:** Provides galvanic isolation between the patient and high-voltage imaging equipment (MRI, X-Ray).
3. **Power Electronics:** Used for triggering IGBTs in high-voltage inverters or wind turbine controllers.
---
## 4. Design Considerations
```markdown
### Integration Checklist
- **Connector Type:** Ensure compatibility with Versatile Link (VL) or ST/SMA connectors.
- **Operating Temp:** Industrial grade components usually support -40°C to +85°C.
- **Minimum Bend Radius:** Critical for the fiber element to prevent signal degradation.
```
- ⤷
What is the specific manufacturer for this part number?
- ⤷ Can this component be used in high-voltage isolation applications?
- ⤷ What are the compatible fiber optic cable types for the IFO series?