Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IP178C-DS-R04

  • AI
    ## Technical Overview of IP178C-DS-R04 The **IP178C-DS-R04** is an integrated circuit (IC) manufactured by **IC Plus Corp**. It is a highly integrated single-chip 8-port 10/100 Mbps Ethernet switch controller. It is commonly used in SOHO (Small Office/Home Office) switches, routers, and industrial networking equipment. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Ports** | 8-port 10/100 Fast Ethernet | | **Architecture** | Store-and-forward | | **Package Type** | 128-pin PQFP (Plastic Quad Flat Pack) | | **Power Supply** | 1.8V (Core) and 3.3V (I/O) | | **Standard Compliance** | IEEE 802.3, 802.3u, 802.3x | | **MAC Address Table** | 1K to 2K entries | --- ### Key Electronic Components & Subsystems The IP178C combines several complex electronic modules into a single die to reduce PCB footprint and cost: #### 1. Transceivers (PHYs) The chip contains eight physical layer transceivers (PHY). These handle the analog-to-digital and digital-to-analog conversion required to transmit data over twisted-pair copper cables (RJ45). #### 2. Switching Fabric This is the "brain" of the IC. It manages the data flow between ports using a **Store-and-Forward** mechanism, which ensures that data frames are error-free before being forwarded to their destination. #### 3. Memory Management Unit (SSRAM) The IP178C includes embedded SSRAM for packet buffering. This prevents data loss during periods of high traffic congestion (backpressure). #### 4. Media Access Controllers (MAC) Each of the 8 ports has a dedicated MAC that handles framing, flow control, and collision detection (CSMA/CD). #### 5. Power Management To improve efficiency, the chip supports: * **System Reset:** Internal power-on reset circuit. * **Power Saving:** Ability to power down ports when no link is detected. --- ### Pin Functionality Highlights | Pin Group | Function | | :--- | :--- | | **TX+/- & RX+/-** | Differential pairs for Ethernet signal transmission/reception. | | **LED Pins** | Outputs for Link, Activity, and Speed status indicators. | | **MII/RMII Interface** | Management interface for external CPU/Microcontroller communication. | | **EERPOM Interface** | Connection to an external serial EEPROM for configuration storage. | --- ### Common Applications * Unmanaged 8-port Fast Ethernet Switches. * Residential Gateways and Broadband Routers. * Industrial Ethernet Hubs. * Set-top boxes with integrated networking.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the IP178C and the newer IP178G version?
    • ⤷ Does the IP178C support VLAN tagging (IEEE 802.1Q)?
    • ⤷ What is the recommended operating temperature range for the IP178C?