IPLU300N04S4-R7
AI

The **IPLU300N04S4-R7** is a high-performance power MOSFET designed primarily for automotive applications. It belongs to Infineon’s OptiMOS™ family and is housed in a specialized **H-PSOF-8** (Heatsink Plastic Small Outline Flat lead) package, which is engineered for high current density and superior thermal management.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Technology** | N-Channel Power MOSFET (OptiMOS-T2) |
| **Drain-Source Voltage ($V_{DS}$)** | 40 V |
| **Continuous Drain Current ($I_D$)** | 300 A |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | 0.77 mΩ (max) |
| **Package Type** | H-PSOF-8-1 (TO-Leadless) |
| **Operating Temperature** | -55°C to +175°C |
| **Qualification** | AEC Q101 (Automotive Grade) |
---
### 2. Core Features
* **Extreme Low $R_{DS(on)}$:** At only 0.77 mΩ, this part minimizes conduction losses, making it highly efficient for high-current power distribution.
* **High Current Capability:** It is rated for 300A, though the actual circuit performance is often limited by PCB thermal constraints.
* **Advanced Thermal Package:** The H-PSOF (TO-Leadless) package is designed to replace large D2PAK components. It offers a smaller footprint while providing better cooling through a large exposed drain pad.
* **AEC-Q101 Qualified:** It is rigorously tested for the harsh environments of automotive systems, including vibration and extreme temperature cycling.
---
### 3. Pin Configuration & Internal Structure
The device uses a standard N-Channel enhancement-mode structure. In the H-PSOF package:
* **Gate (G):** Used to control the switching of the MOSFET.
* **Source (S):** Multiple pins/leads are often used to reduce source inductance and handle high current.
* **Drain (D):** The large metal tab on the bottom serves as the drain connection and the primary thermal path to the heatsink or PCB copper.
---
### 4. Common Applications
Due to its high power density and 40V rating, it is ideal for 12V automotive electrical systems:
1. **Electric Power Steering (EPS):** Providing the high current needed for motor control.
2. **Battery Management Systems (BMS):** Used as a high-side or low-side switch for battery protection.
3. **Start-Stop Systems:** Managing high-current transients during engine ignition.
4. **DC/DC Converters:** High-frequency switching for voltage regulation in electric vehicles.
---
- ⤷
How does the H-PSOF package compare to a standard D2PAK in terms of board space?
- ⤷ What are the specific gate drive requirements for this MOSFET given its 300A rating?
- ⤷ Can this MOSFET be used in 24V or 48V automotive systems?