IQL48060A033V-009-R
AI

The **IQL48060A033V-009-R** is a high-performance, isolated DC-DC converter module belonging to the **IQL Series** manufactured by TDK-Lambda (specifically under the TDK-Lambda Americas Inc. brand). This part is designed for industrial, telecommunications, and data processing applications that require high efficiency in a compact footprint.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage** | 36V to 75V DC | Standard 48V nominal telecom range |
| **Output Voltage** | 3.3V DC | Regulated low-voltage output |
| **Output Current** | 60A | High current capability |
| **Output Power** | 198W | Total power delivery |
| **Form Factor** | Quarter Brick | Standard industry footprint |
| **Efficiency** | ~90% - 92% | High efficiency reduces heat dissipation |
| **Isolation** | 1500V - 2250V DC | Input-to-output galvanic isolation |
---
### 2. Functional Electronic Components
While the internal circuitry is proprietary, a module of this class typically integrates the following electronic sections:
#### A. Power Stage
* **MOSFETs:** High-speed switching transistors (likely using Synchronous Rectification) to minimize conduction losses at 60A.
* **Planar Transformer:** A low-profile magnetic component used for voltage step-down and galvanic isolation.
* **Inductors/Capacitors:** High-quality LC filtering stages to ensure low output ripple and noise.
#### B. Control & Protection
* **PWM Controller:** Manages the duty cycle of the switching MOSFETs to maintain a steady 3.3V output regardless of load changes.
* **Protection Circuitry:**
* **OCP (Over-Current Protection):** Limits current to prevent damage during shorts.
* **OVP (Over-Voltage Protection):** Clamps output if internal regulation fails.
* **OTP (Over-Temperature Protection):** Shuts down the unit if thermal limits are exceeded.
#### C. Interface Pins
The "009-R" suffix typically denotes specific pin lengths and logic configurations:
* **Remote On/Off:** Allows the system to enable or disable the converter via a logic signal.
* **Remote Sense:** Compensates for voltage drops across PCB traces between the converter and the load.
* **Trim Pin:** Allows the user to adjust the output voltage slightly (e.g., +/- 10%) using an external resistor.
---
### 3. Physical & Environmental Attributes
* **RoHS Compliant:** The "-R" suffix indicates compliance with environmental regulations regarding hazardous substances.
* **Thermal Management:** Designed for open-frame conduction or airflow cooling. Baseplates are often optional for enhanced heat sinking.
* **Through-Hole Mounting:** Standard pins for secure soldering onto a PCB.
---
- ⤷
What is the difference between positive and negative remote ON/OFF logic for this series?
- ⤷ How do I calculate the external resistor value for the Trim pin?
- ⤷ What are the recommended heat sinking methods for a 60A output load?