Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IRF7809AVPBF

  • AI
    The **IRF7809AVPBF** is a specific type of N-Channel HEXFET Power MOSFET designed by International Rectifier (now part of Infineon Technologies). It is primarily used in high-density DC-DC converters for computers and portable electronics. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the IRF7809AVPBF: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-to-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage the device can handle when off. | | **Continuous Drain Current ($I_D$)** | 15A | Rated current at a case temperature of 25°C. | | **Static Drain-to-Source On-Resistance ($R_{DS(on)}$)** | 7.5mΩ | Resistance when the gate is fully triggered (at $V_{GS}$ = 10V). | | **Gate-to-Source Voltage ($V_{GS}$)** | ±12V | Maximum voltage allowed on the Gate pin. | | **Total Gate Charge ($Q_g$)** | 27nC | Amount of charge required to switch the MOSFET. | | **Package Type** | SO-8 | Small Outline 8-pin surface mount package. | --- ### 2. Physical Structure and Pinout The device comes in an **SO-8** package, which is standard for surface-mount PCB designs. 1. **Pins 1, 2, 3:** Source (S) 2. **Pin 4:** Gate (G) 3. **Pins 5, 6, 7, 8:** Drain (D) *Note: Connecting multiple pins for Source and Drain helps in heat dissipation and reduces parasitic inductance.* --- ### 3. Key Features * **Low $R_{DS(on)}$:** The very low internal resistance minimizes power loss due to heat, making it highly efficient. * **Optimized for Switching:** It is designed for high-frequency applications, meaning it can turn "on" and "off" very quickly. * **Lead-Free (PBF):** The "PBF" suffix indicates that the part is Lead-Free and RoHS compliant. * **Logic Level Drive:** It can be fully turned on by low-voltage signals (e.g., from a microcontroller or PWM controller). --- ### 4. Common Applications Due to its high efficiency and small footprint, it is commonly found in: * **Notebook PC Power Supplies:** CPU core voltage regulators. * **DC-DC Converters:** Buck converters used in telecommunications. * **Battery Management:** Switching circuits for charging and protection. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFET alternatives to the IRF7809AVPBF?
    • ⤷ How do I calculate the power dissipation for this MOSFET in a switching circuit?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?