IRFP054VPBF
AI

The **IRFP054VPBF** is a high-power N-Channel Enhancement Mode Power MOSFET. It is designed for applications requiring high efficiency and reliability, specifically in power conversion and motor control.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the IRFP054VPBF:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-to-Source Voltage** | $V_{DSS}$ | 60V |
| **Continuous Drain Current** | $I_D$ | 90A (at $T_C = 25^\circ C$) |
| **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 0.012 $\Omega$ (max) |
| **Total Gate Charge** | $Q_g$ | 160 nC |
| **Power Dissipation** | $P_D$ | 230W |
| **Package Type** | TO-247AC | Lead-Free (PBF) |
---
### 2. Physical Characteristics & Pinout
The device is housed in a **TO-247AC** package, which is preferred for high-power applications because it offers lower thermal resistance compared to smaller packages like TO-220.
* **Pin 1 (Gate):** Used to trigger the MOSFET (Voltage controlled).
* **Pin 2 (Drain):** Connected to the load.
* **Pin 3 (Source):** Connected to the ground/common.
* **Mounting Tab:** Usually internally connected to the Drain; used for heat dissipation via a heatsink.
---
### 3. Core Features
* **Low On-Resistance ($R_{DS(on)}$):** At 12mΩ, it minimizes conduction losses, making it highly efficient for high-current switching.
* **High Current Handling:** Capable of managing up to 90A, making it suitable for heavy-duty industrial loads.
* **Dynamic $dv/dt$ Rating:** Provides robustness against rapid voltage spikes.
* **Lead-Free (PBF):** Compliant with RoHS standards for environmental safety.
---
### 4. Common Applications
Due to its high power rating and low resistance, the IRFP054VPBF is commonly found in:
1. **DC Motor Control:** Used in H-bridge configurations for high-torque motors.
2. **Uninterruptible Power Supplies (UPS):** Efficiently switching battery power.
3. **DC-to-DC Converters:** For step-down or step-up voltage regulation.
4. **Solar Inverters:** Managing high-current DC inputs from PV panels.
---
### 5. Thermal Management
Because this MOSFET can dissipate up to **230 Watts**, a substantial **heatsink** is mandatory. Without proper thermal dissipation, the junction temperature will exceed the $175^\circ C$ limit, leading to thermal runaway and device failure.
- ⤷What are the equivalent MOSFET alternatives for IRFP054V?
- ⤷ How do I calculate the gate resistor for this MOSFET?
- ⤷ Can this MOSFET be driven directly by a 5V microcontroller like an Arduino?