Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IRLR8103VPBF

  • AI
    ### Overview of IRLR8103VPBF The **IRLR8103VPBF** is an N-Channel Power MOSFET designed by International Rectifier (now Infineon Technologies). It is specifically engineered for high-density, high-efficiency power conversion applications, particularly in computing and DC-DC converters. --- ### Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 91A (at $T_C = 25^\circ C$) | | **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 7.9m$\Omega$ (at $V_{GS} = 10V$) | | **Gate-to-Source Voltage** | $V_{GS}$ | $\pm 20V$ | | **Total Gate Charge** | $Q_g$ | 27nC (Typical) | | **Package Type** | D-PAK | TO-252AA | --- ### Core Electronic Features 1. **Logic-Level Gate Drive**: * Unlike standard MOSFETs that require 10V to fully turn on, this device is optimized for 4.5V to 5V gate drives. This makes it directly compatible with microcontrollers and digital logic circuits. 2. **Ultra-Low $R_{DS(on)}$**: * The internal resistance between the Drain and Source when "on" is extremely low (approx. 7.9m$\Omega$). This minimizes power dissipation ($P = I^2R$), leading to higher efficiency and less heat. 3. **Fast Switching**: * The low gate charge ($Q_g$) allows the MOSFET to switch between ON and OFF states very rapidly, which is critical for high-frequency Pulse Width Modulation (PWM) applications. 4. **Trench Technology**: * It utilizes advanced processing techniques to achieve a high cell density, providing a robust performance-to-size ratio. --- ### Pin Configuration (TO-252 / D-PAK) When looking at the front of the component (legs pointing down): | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **Gate (G)** | Controls the flow of current between Drain and Source. | | **2 / Tab** | **Drain (D)** | Connected to the load (The large metal tab is also Drain for heat sinking). | | **3** | **Source (S)** | Connected to the ground or negative side of the circuit. | --- ### Typical Applications * **DC-DC Converters**: Used in VRMs (Voltage Regulator Modules) for CPUs and GPUs. * **Battery Management**: High-speed switching for charging and protection circuits. * **Motor Control**: Driving DC motors in robotics or consumer electronics. * **Power Distribution**: Acting as a solid-state relay or load switch.
    ✨ Follow-up Questions
    • ⤷ What are the safe operating temperature limits for the IRLR8103VPBF?
    • ⤷ How does the RDS(on) change if the gate voltage is dropped to 4.5V?
    • ⤷ What is the recommended heatsink layout for the D-PAK package?