IRS-B340ST02-R1
AI

The **IRS-B340ST02-R1** is a high-sensitivity pyroelectric infrared (PIR) sensor manufactured by Murata. It is primarily used for non-contact temperature measurement and human presence detection.
---
## 1. Core Technical Specifications
The device is characterized by its surface-mount design and high sensitivity to infrared radiation in the specific wavelengths emitted by the human body.
| Feature | Specification |
| :--- | :--- |
| **Type** | Dual Type (Differential) |
| **Element Size** | 1.1mm x 1.1mm (x2) |
| **Package** | SMD (Surface Mount Device) |
| **Dimensions** | 5.0mm x 4.7mm x 2.4mm |
| **Operating Voltage** | 2.0V to 15.0V |
| **Operating Temperature** | -40°C to +70°C |
| **Field of View (FOV)** | 80° x 70° |
---
## 2. Internal Components & Structure
The IRS-B340ST02-R1 is not just a simple piece of material; it is an integrated electronic assembly:
### A. Pyroelectric Ceramic Element
The heart of the sensor is a lead zirconate titanate (PZT) ceramic. When exposed to infrared radiation, the temperature of the ceramic changes, causing a spontaneous polarization that generates an electric charge.
### B. Optical Filter (Window)
The sensor is capped with a silicon-based optical window. This window acts as a **band-pass filter**, typically allowing wavelengths between **5µm and 14µm** to pass through. This range corresponds to the infrared heat signatures emitted by humans.
### C. Internal FET (Field Effect Transistor)
Because the charge generated by the ceramic element is extremely small and has a very high impedance, the sensor includes an internal **JFET**.
* **Role:** Acts as an impedance converter (buffer).
* **Function:** It converts the high-impedance signal from the pyroelectric element into a low-impedance voltage signal that a standard Microcontroller (MCU) or Op-Amp circuit can process.
---
## 3. Pin Configuration (Typical)
The device generally follows a 3-terminal setup standard for SMD PIR sensors:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VDD** | Drain of the internal FET (Supply Voltage) |
| 2 | **OUT** | Source of the internal FET (Output Signal) |
| 3 | **GND** | Ground / Common |
---
## 4. Application Circuitry Requirements
To use the IRS-B340ST02-R1 effectively, additional electronic components are required:
1. **Amplification:** The output signal is in the millivolt range. An operational amplifier (Op-Amp) with a gain of roughly 60dB to 80dB is usually required.
2. **Band-pass Filtering:** Since PIR signals are very slow (0.1Hz to 10Hz), a filter is needed to remove high-frequency noise and DC offset.
3. **Fresnel Lens:** While the sensor works alone, a plastic Fresnel lens is typically placed over it to concentrate IR light and increase the detection range.
---
- ⤷
What is the recommended amplification circuit for the IRS-B340ST02-R1?
- ⤷ How does the 'Dual Type' element help in reducing false triggers?
- ⤷ What are the soldering precautions for this specific SMD PIR sensor?