IRS100-R55MF10
AI

The **IRS100-R55MF10** is an industrial-grade infrared (IR) sensor module, typically utilized for non-contact temperature measurement or flame detection in automation environments. It is designed for high reliability and precision.
---
### 1. Key Specifications & Components
Below is a breakdown of the primary electronic characteristics of the sensor:
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage** | 10V to 30V DC (Standard Industrial Range) |
| **Output Type** | Analog (4-20mA or 0-10V) or Digital (RS485/Modbus) |
| **Spectral Range** | 8 to 14 µm (Optimized for General Surfaces) |
| **Response Time** | < 100 ms (Fast Thermal Tracking) |
| **Protection Rating** | IP65 (Dust and Water Jet Resistance) |
---
### 2. Internal Electronic Architecture
The device consists of several critical sub-systems that allow it to convert thermal radiation into an electrical signal:
1. **Thermopile/Pyroelectric Detector:** The "heart" of the sensor. It absorbs infrared radiation and converts it into a tiny millivolt (mV) signal.
2. **Signal Conditioning (Op-Amps):** Because the raw sensor output is extremely weak, high-precision operational amplifiers are used to boost the signal and filter out electromagnetic interference (EMI).
3. **Analog-to-Digital Converter (ADC):** A high-resolution ADC (usually 16-bit or 24-bit) converts the amplified analog voltage into a digital value for processing.
4. **Microcontroller (MCU):** Performs internal calibration, emissivity compensation (adjusting for different material types), and manages communication protocols.
5. **Output Driver:** Converts the processed data into industrial standards like a 4-20mA current loop, which is resistant to signal loss over long cables.
---
### 3. Connection Pinout (Typical)
While specific wiring can vary by manufacturer revision, the standard M12 or terminal block configuration usually follows this logic:
| Wire Color/Pin | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +VCC | Positive Power Supply (24V typical) |
| **Blue** | GND | Power Ground / Reference |
| **White** | Output+ | Positive Analog Signal (e.g., 4-20mA) |
| **Black** | Communication | RS485-A or Digital Trigger (Model Dependent) |
---
### 4. Application Logic
The **R55MF10** suffix often denotes specific lens optics or distance-to-spot ratios (D:S). In this case, it indicates the sensor's "Field of View."
* **Electronics Protection:** The internal circuitry is usually encapsulated in epoxy or a metal housing to protect against the high heat it may be monitoring.
* **Emissivity Adjustment:** The electronics allow the user to adjust for the "shininess" of the target via a potentiometer or software commands to ensure accurate temperature readings.
- ⤷
How do I calibrate the emissivity on this specific model?
- ⤷ What is the Distance-to-Spot (D:S) ratio for the R55MF10?
- ⤷ Can this sensor be integrated directly into a PLC via Modbus?