Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LE512MG-RHLA2:PTY

  • AI
    The **IS25LE512MG-RHLA2:PTY** is a high-performance, high-density Non-Volatile Memory (NVM) chip manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It belongs to the Flash memory family, specifically designed for applications requiring fast data access and reliable storage. --- ### ## Technical Specifications The following table summarizes the core electrical and physical characteristics of this specific part number: | Parameter | Specification | | :--- | :--- | | **Memory Type** | NOR Flash | | **Storage Capacity** | 512 Megabits (64 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI (QSPI), QPI | | **Clock Speed** | Up to 133 MHz | | **Operating Voltage** | 2.3V to 3.6V (Extended Range) | | **Temperature Range** | -40°C to +105°C (A2 Grade / Automotive) | | **Package / Case** | 24-ball TFBGA (6x8mm) | | **Status** | Active | --- ### ## Key Features and Architecture 1. **Multi-I/O Support**: It supports Standard SPI, Dual Output/Input, and Quad Output/Input. Quad SPI effectively quadruples the data transfer rate compared to standard serial flash. 2. **A2 Grade Qualification**: The "A2" suffix indicates it is qualified for **Automotive Grade 2**, meaning it can withstand harsher environments and higher temperatures than standard commercial chips. 3. **High Reliability**: * **Endurance**: Minimum 100,000 Program/Erase cycles. * **Data Retention**: Over 20 years. 4. **Security Features**: Includes unique ID (64-bit), specialized protection registers, and hardware/software write protection to prevent accidental data corruption. --- ### ## Part Number Breakdown Understanding the nomenclature helps identify specific variant traits: * **IS**: ISSI (Manufacturer) * **25LE**: 2.3V - 3.6V Quad SPI Family * **512M**: 512 Megabits density * **G**: Process Technology version * **R**: Operating Temperature (Automotive Grade 2: -40°C to 105°C) * **HL**: 24-ball TFBGA (6mm x 8mm) package * **A2**: Automotive Grade qualification * **PTY**: Specific packing or internal tracking code (typically related to Tape and Reel or Tray). --- ### ## Common Applications * **Automotive Systems**: Infotainment, Advanced Driver Assistance Systems (ADAS), and digital instrument clusters. * **Industrial**: Automation controllers and robotics where temperature fluctuations are common. * **Networking**: High-speed routers and switches for storing firmware and boot code. * **Computing**: BIOS and UEFI storage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NOR and NAND flash in the context of this chip?
    • ⤷ How does the Quad SPI interface improve boot times for automotive systems?
    • ⤷ What are the specific soldering requirements for the 24-ball TFBGA package?