Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RGLA3

  • AI
    The **IS25LP256D-RGLA3** is a high-performance, 256-Megabit (32 MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for high-speed systems that require reliable non-volatile storage with a small physical footprint. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 256 Mb (32 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI (QSPI), and QPI | | **Max Clock Frequency** | 133 MHz (Standard/Dual/Quad) | | **Operating Voltage** | 2.3V to 3.6V | | **Package Type** | 24-ball TFBGA (6mm x 8mm) | | **Temperature Grade** | Automotive Grade A3 (-40°C to +125°C) | | **Data Retention** | 20 Years | | **Endurance** | 100,000 Program/Erase Cycles | --- ## 2. Key Electronic Features ### A. High-Speed Throughput The device supports **Double Transfer Rate (DTR)**. While the standard clock is 133 MHz, using the Quad I/O DTR mode allows for data transfer rates equivalent to much higher frequencies, making it suitable for **Execute-in-Place (XiP)** operations where the CPU runs code directly from the flash. ### B. Flexible Architecture The memory is organized into: * **Sectors:** 4 KB each * **Blocks:** 32 KB and 64 KB * This granularity allows for efficient memory management and faster erasing of specific data segments. ### C. Advanced Security * **Three 256-byte OTP (One-Time Programmable) Security Registers:** Used for storing unique IDs or encryption keys. * **Software/Hardware Write Protection:** Includes individual block protection and volatile/non-volatile bits to prevent accidental data corruption. --- ## 3. Part Number Decoder Understanding the suffixes helps identify the specific variant: | Code | Meaning | | :--- | :--- | | **IS25LP** | 2.3V - 3.6V High Performance Serial Flash | | **256D** | 256 Megabits, "D" Revision | | **R** | 24-ball TFBGA (6mm x 8mm, 5x5 ball array) | | **G** | RoHS Compliant / Halogen Free | | **L** | Automotive Grade | | **A3** | Automotive Temperature Grade (-40°C to +125°C) | --- ## 4. Typical Application Circuit When integrating this part into a circuit, it typically requires a decoupling capacitor ($0.1\mu F$) near the $V_{CC}$ pin and pull-up resistors on the $Hold\#$ and $WP\#$ pins if they are not actively driven by the microcontroller. ```text Microcontroller (Master) IS25LP256D (Slave) ----------------------- ------------------ SCK (Serial Clock) ------> CLK MOSI (IO0) <-----> SI/IO0 MISO (IO1) <-----> SO/IO1 CS# (Chip Select) ------> CE# IO2/IO3 <-----> WP#/IO2 & HOLD#/IO3 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between SPI and QPI modes in this chip?
    • ⤷ Can this chip be used for industrial applications requiring extended temperature ranges?
    • ⤷ What are the power consumption levels in standby versus active mode?