AI

## IS25LP256D-RGLA3-TY Overview
The **IS25LP256D-RGLA3-TY** is a high-performance, 256-Megabit (32MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for systems requiring high reliability, high density, and fast data access speeds.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Capacity** | 256 Megabit (32 Megabytes) |
| **Interface** | SPI, Dual SPI, Quad SPI, and QPI |
| **Clock Frequency** | Up to 133 MHz (STR) / 80 MHz (DTR) |
| **Voltage Supply** | 2.3V to 3.6V |
| **Package Type** | 24-ball TFBGA (6mm x 8mm) |
| **Operating Temperature** | Automotive Grade 3 (-40°C to +125°C) |
| **Data Retention** | 20 Years |
---
### 2. Functional Characteristics
* **Multi-I/O Support:** It supports Standard SPI, Dual Output/Input, and Quad Output/Input (Single Transfer Rate and Double Transfer Rate), significantly increasing throughput compared to standard serial flash.
* **Performance:** In Quad SPI mode, it can achieve a data transfer rate of up to 532Mbps, making it suitable for Execute-in-Place (XiP) applications where code is run directly from the flash.
* **Security Features:** Includes a 1024-byte OTP (One-Time Programmable) security register and individual sector/block protection.
* **Reliability:** Specifically designed for industrial and automotive environments, with high endurance (100,000 program/erase cycles).
---
### 3. Part Number Decoder
The part number breaks down as follows:
1. **IS25LP**: Product Family (2.5V/3V Serial Flash, Low Power).
2. **256D**: Density (256 Megabit, Revision D).
3. **R**: Speed/Option (Standard).
4. **GL**: Package Code (24-ball TFBGA, 6x8mm, 5x5 ball array).
5. **A3**: Temperature Grade (Automotive Grade 3: -40°C to +125°C).
6. **TY**: Packing Type (Tray).
---
### 4. Application Areas
* **Automotive:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and instrument clusters.
* **Industrial:** Factory automation, medical devices, and smart meters.
* **Networking:** Routers, switches, and high-speed communication equipment.
- ⤷
What are the main differences between STR and DTR modes in this chip?
- ⤷ How does the QPI mode enhance system performance compared to standard SPI?
- ⤷ Is this part compatible with 1.8V logic levels?