Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RHLA3

  • AI
    ## Overview of IS25LP256D-RHLA3 The **IS25LP256D-RHLA3** is a high-performance, 256-Megabit (32 MB) Serial Flash Memory manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for systems requiring high reliability, high speed, and low power consumption. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Density** | 256 Mbit (32 Mbytes) | | **Interface** | Multi-I/O SPI (Standard, Dual, Quad) | | **Max Clock Frequency** | 133 MHz (up to 532 MHz effective with Quad I/O) | | **Operating Voltage** | 2.3V to 3.6V | | **Operating Temperature** | -40°C to +125°C (Automotive Grade A3) | | **Package Type** | 24-ball TFBGA (6mm x 8mm) | --- ### Core Electronic Characteristics #### 1. High-Speed Performance The device supports **Double Data Rate (DDR)** modes and Quad Peripheral Interface (QPI). This allows the memory to reach throughput rates comparable to parallel flash while maintaining a low pin-count. #### 2. Durability and Reliability * **Endurance:** Minimum 100,000 Program/Erase cycles. * **Data Retention:** Over 20 years. * **Automotive Grade:** The "A3" suffix indicates it is qualified under AEC-Q100 standards, making it suitable for automotive under-the-hood applications. #### 3. Advanced Security Features * **Software and Hardware Write Protection:** Includes individual block protection and a hardware protection pin (WP#). * **Unique ID:** 64-bit factory-programmed unique ID. * **OTP (One-Time Programmable) Security:** Three 256-byte security registers with user-lockable OTP areas. --- ### Pin and Package Configuration (24-ball TFBGA) The **RHLA3** package code refers to the 24-ball Thin Fine Pitch Ball Grid Array. | Pin Type | Description | | :--- | :--- | | **CS#** | Chip Select (Activates the device) | | **SCK** | Serial Data Clock | | **SI / SIO0** | Serial Data Input / Serial I/O 0 | | **SO / SIO1** | Serial Data Output / Serial I/O 1 | | **WP# / SIO2** | Write Protect / Serial I/O 2 | | **HOLD# / SIO3** | Hold or Reset / Serial I/O 3 | | **VCC / VSS** | Power Supply and Ground | --- ### Common Applications * **Automotive:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and instrument clusters. * **Industrial:** High-temperature sensors and control units. * **Networking:** Routers, switches, and gateway devices. * **Consumer:** Smart TVs and high-end wearables.
    ✨ Follow-up Questions
    • ⤷ What is the difference between IS25LP and IS25WP series flash?
    • ⤷ Can this chip support XiP (Execute-in-Place) functionality?
    • ⤷ How does the 'A3' temperature rating compare to standard industrial grades?