Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RJLA3

  • AI
    ## IS25LP256D-RJLA3 Electronic Component Overview The **IS25LP256D-RJLA3** is a high-performance, 256-Mbit (32 MB) Serial Flash Memory manufactured by Integrated Silicon Solution Inc. (ISSI). It utilizes a Multi-I/O Serial Peripheral Interface (SPI) and is designed for high-speed data storage in embedded systems. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 256 Megabit (32 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI, and QPI (Quad Peripheral Interface) | | **Clock Frequency** | Up to 133 MHz (Normal/Fast Read) | | **Throughput** | Up to 532 Mbps (66.5 MB/s) in Quad SPI mode | | **Voltage Supply** | 2.3V to 3.6V | | **Operating Temp** | -40°C to +125°C (Automotive Grade A3) | | **Package Type** | 8-contact WSON (6x8mm) or 16-pin SOIC | --- ### 2. Functional Features * **Multi-I/O Support:** It supports Standard SPI, Dual I/O, Quad I/O, and QPI. This allows for significantly higher data transfer rates than traditional single-line SPI. * **High Reliability:** * Minimum 100,000 Program/Erase cycles. * 20-year data retention. * **Security & Protection:** * Software and Hardware write protection. * Individual Sector/Block locking. * 128-bit unique ID for each device. * **Efficient Programming:** Page Program (up to 256 bytes) in 0.2ms (typical). --- ### 3. Part Number Decoder (IS25LP256D-RJLA3) Understanding the suffix helps in identifying the specific physical and environmental properties of the chip: | Code Segment | Meaning | | :--- | :--- | | **IS25LP** | ISSI 2.5V/3.0V Serial Flash | | **256** | 256 Megabit density | | **D** | Device Revision | | **R** | Package: 16-pin SOIC 300mil (or specific 8-contact WSON depending on datasheet variant) | | **J** | Standard Grade / Lead-Free | | **L** | Lead-free (RoHS compliant) | | **A3** | Automotive Grade Temp: -40°C to +125°C | --- ### 4. Application Areas This part is commonly found in environments where speed and temperature resilience are critical: 1. **Automotive:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and instrument clusters. 2. **Industrial:** Smart meters, robotics, and factory automation controllers. 3. **Networking:** Routers, switches, and high-speed communication modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SPI and QPI modes in this chip?
    • ⤷ How does the 'A3' automotive rating affect the chip's lifespan compared to industrial grades?
    • ⤷ Can you provide a pinout diagram description for the 16-pin SOIC package?