Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RJLA3-TY

  • AI
    The **IS25LP256D-RJLA3-TY** is a high-performance 256Mbit (32MB) Serial Flash Memory device manufactured by **ISSI (Integrated Silicon Solution Inc.)**. It is designed for applications requiring high-speed data access, reliability, and low power consumption. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Memory Density** | 256 Megabits (32 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI, and QPI (Quad Peripheral Interface) | | **Clock Frequency** | Up to 133 MHz (Standard/Dual/Quad SPI) | | **Supply Voltage (Vcc)** | 2.3V to 3.6V | | **Temperature Range** | Automotive Grade A3 (-40°C to +125°C) | | **Package Type** | 8-contact WSON (6x8mm) | | **Data Retention** | 20 Years | | **Endurance** | 100,000 Program/Erase Cycles | --- ### 2. Detailed Component Breakdown #### A. Architecture and Speed The device utilizes a Multi-I/O interface. In Quad SPI mode, it can reach a throughput of up to **532Mbps** (133MHz x 4 bits), which outperforms traditional parallel Flash while using fewer pins. This makes it ideal for "Execute-in-Place" (XiP) operations, where the CPU runs code directly from the Flash memory. #### B. Memory Organization The 256Mb memory is organized into: * **Sectors:** 4 KB (Uniform) * **Blocks:** 32 KB and 64 KB (Uniform) * **Pages:** 256 Bytes #### C. Decoding the Part Number The suffix **-RJLA3-TY** provides critical information about the physical and environmental standards: * **R**: Package type (WSON 8-contact, 6x8mm). * **J**: Standard pinout. * **L**: Lead-free, RoHS compliant. * **A3**: Automotive Grade (Temperature range -40°C to +125°C). * **TY**: Packaging method (Tray). --- ### 3. Advanced Features * **DTR (Double Transfer Rate):** Supports data transfer on both edges of the clock, further doubling the data throughput. * **Security:** Includes a 1024-bit (4x256-bit) security register with OTP (One-Time Programmable) lock. * **Software Reset:** Allows the system to reset the memory chip without a dedicated hardware reset pin. * **Protection:** Hardware and software write protection for the entire memory or specific blocks. --- ### 4. Typical Applications * **Automotive:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and digital instrument clusters. * **Industrial:** High-reliability controllers and robotics. * **Networking:** Routers, switches, and gateways for firmware storage. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between SPI and QPI modes in this chip?
    • ⤷ How does the 'Automotive Grade A3' certification affect its reliability?
    • ⤷ Can this chip be used for direct code execution (XiP) in embedded systems?