Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RJLE

  • AI
    ## Technical Overview of IS25LP256D-RJLE The **IS25LP256D-RJLE** is a high-performance, 256-Megabit (32 Megabyte) Serial Flash memory device manufactured by **ISSI (Integrated Silicon Solution Inc.)**. It belongs to the "LP" series, which emphasizes low power consumption and high-speed data transfer. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Density** | 256 Mbit (32 MB) | | **Interface** | SPI, Dual SPI, Quad SPI, and QPI | | **Clock Frequency** | Up to 133 MHz | | **Operating Voltage** | 2.3V to 3.6V | | **Package Type** | 8-contact WSON (8x6mm) | | **Temperature Range** | Industrial (-40°C to +105°C) | | **Data Retention** | 20 Years | --- ### 2. Core Functional Features * **Multi-I/O Capabilities:** It supports Standard SPI (Single), Dual SPI, and Quad SPI (QSPI). In Quad mode, it can reach data transfer rates of up to **532 Mbps**, rivaling much larger parallel flash memories. * **Advanced Sector/Block Architecture:** * Uniform 4KB sectors. * Uniform 32KB/64KB blocks. * This allows for flexible and efficient memory management during erase operations. * **Safety & Protection:** * Software and Hardware Write Protection. * Individual Block Protection (Locking). * OTP (One-Time Programmable) security registers. * **Low Power Consumption:** Designed for battery-operated devices, it features a deep power-down mode where current consumption drops to a few microamps ($\mu A$). --- ### 3. Part Number Decoder Understanding the "RJLE" suffix is critical for procurement and PCB design: | Suffix Component | Meaning | | :--- | :--- | | **R** | Lead-free (RoHS compliant) | | **J** | Package Code for 8-contact WSON (8mm x 6mm) | | **L** | Industrial Temperature Grade (-40°C to +105°C) | | **E** | Extended range / Feature specific revision | --- ### 4. Hardware Integration Example (SPI Mode) To interface this chip with a microcontroller (MCU), the following standard connections are required: ```c // Typical Pin Configuration CS# -> Chip Select (Active Low) SI -> Serial Data Input (or IO0 in Quad Mode) SO -> Serial Data Output (or IO1 in Quad Mode) SCLK -> Serial Clock WP# -> Write Protect HOLD# -> Pause serial communication (or IO3 in Quad Mode) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the IS25LP and the IS25WP series?
    • ⤷ Can this chip be used for Execute-in-Place (XiP) applications?
    • ⤷ How does the power consumption of this device compare to standard NOR Flash?