Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RLLA3-TY

  • AI
    ## IS25LP256D-RLLA3-TY: Technical Overview The **IS25LP256D-RLLA3-TY** is a high-performance 256-Megabit (32 MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It belongs to the IS25LP series, which is characterized by high-speed Dual/Quad I/O Serial Peripheral Interface (SPI) capabilities. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 256 Mb (32 MB) | | **Interface** | SPI, Dual SPI, Quad SPI, QPI (Quad Peripheral Interface) | | **Clock Frequency** | Up to 133 MHz (Standard/Dual/Quad) | | **Throughput** | Up to 532 Mbps in Quad I/O mode | | **Voltage Range** | 2.3V to 3.6V | | **Operating Temp** | -40°C to +125°C (Automotive Grade A3) | | **Package Type** | 8-contact WSON (6x5mm) or 8-pin SOIC (depending on specific sub-variant) | --- ### 2. Part Number Breakdown Understanding the suffix is critical for identifying the specific hardware characteristics: * **IS25LP**: Product Family (2.3V - 3.6V SPI Flash). * **256D**: 256 Megabit density. * **R**: Package Type (Typically WSON 8-contact 6x8mm, though varies by specific datasheet rev). * **L**: Low Halogen / RoHS Compliant. * **LA3**: **Automotive Grade 3** (Supports temperatures up to 125°C, AEC-Q100 compliant). * **TY**: Packing type (e.g., Tray or Tape & Reel, usually indicates Tray). --- ### 3. Core Features #### High-Speed Performance The device supports **Double Data Rate (DDR)** read operations, allowing it to transfer data on both the rising and falling edges of the clock. This makes it ideal for **Execute-in-Place (XiP)** operations, where the processor runs code directly from the flash rather than copying it to RAM. #### Flexible Architecture The memory is divided into sectors and blocks for efficient data management: * **4KB Uniform Sector Erase** * **32KB/64KB Uniform Block Erase** * **Page Program**: 256 bytes per page. #### Advanced Security * **Three 256-byte OTP (One Time Programmable) Security Registers**: Used for unique IDs and system security keys. * **Write Protection**: Software and hardware-controlled protection for specific memory blocks. --- ### 4. Typical Applications Due to its high reliability and automotive rating, this part is commonly found in: 1. **Automotive Systems**: Infotainment units, ADAS cameras, and digital instrument clusters. 2. **Industrial Controllers**: High-reliability automation equipment. 3. **Networking**: Routers, switches, and high-speed gateways for firmware storage. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the IS25LP256D in Deep Power Down mode?
    • ⤷ Can you explain the difference between SPI and QPI modes for this specific chip?
    • ⤷ How does the 'Automotive Grade 3' rating impact the long-term reliability compared to industrial grades?