AI

## Electronic Specifications: IS25LP256D-RMLA3
The **IS25LP256D-RMLA3** is a high-performance, 256-Megabit (32MB) Serial Flash memory manufactured by ISSI (Integrated Silicon Solution, Inc.). It is designed for systems that require high reliability, fast throughput, and low power consumption.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 256 Mbit (32 Megabytes) |
| **Interface** | SPI, Dual SPI, Quad SPI, and QPI |
| **Operating Voltage** | 2.3V to 3.6V |
| **Max Clock Frequency** | 133 MHz (up to 532MHz equivalent in Quad SPI) |
| **Temperature Range** | Automotive Grade A3 (-40°C to +125°C) |
| **Package Type** | 16-pin SOIC (300 mil) |
---
### 2. Functional Architecture
The device utilizes a multi-I/O architecture to maximize data transfer rates.
* **Standard SPI:** Standard 4-wire interface (CS#, SCK, SI, SO).
* **Multi-I/O Support:** Supports Dual and Quad modes, effectively multiplying the bandwidth for execute-in-place (XiP) applications.
* **Memory Protection:** Includes software and hardware write protection, as well as individual sector/block locking.
* **Data Integrity:** Features 100,000 program/erase cycles and a 20-year data retention period.
---
### 3. Part Number Breakdown
The suffix **-RMLA3** provides specific details regarding the physical and environmental grading:
* **RM**: Refers to the **16-pin SOIC (300 mil)** package.
* **L**: Indicates a **Lead-free** (RoHS compliant) and Halogen-free finish.
* **A3**: Defines the **Automotive Grade 3** temperature rating, certifying the chip for reliable operation between **-40°C and +125°C**.
---
### 4. Typical Applications
Due to its high speed and automotive-grade durability, this part is commonly found in:
* **Automotive Systems:** ADAS cameras, instrument clusters, and infotainment units.
* **Industrial Automation:** High-reliability sensors and controllers.
* **Networking:** Routers, switches, and high-speed communication hardware.
---
### 5. Code Example: SPI Initialization (Generic C)
To communicate with this chip, a typical SPI controller setup would look like this:
```c
// Example configuration for a SPI Peripheral to interface with IS25LP256D
void SPI_Flash_Init(void) {
SPI_Config.Mode = SPI_MODE_MASTER;
SPI_Config.Direction = SPI_DIRECTION_2LINES;
SPI_Config.DataSize = SPI_DATASIZE_8BIT;
SPI_Config.CLKPolarity = SPI_POLARITY_LOW; // CPOL = 0
SPI_Config.CLKPhase = SPI_PHASE_1EDGE; // CPHA = 0
SPI_Config.BaudRatePrescaler = SPI_BAUDRATEPRESCALER_4;
HAL_SPI_Init(&hspi1);
}
```
- ⤷
What are the differences between the IS25LP and IS25WP series?
- ⤷ How does the QPI mode improve performance compared to standard SPI?
- ⤷ What is the specific command code for 'Read Identification' on this chip?