Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS25LP256D-RMLA3-TY

  • AI
    ## Technical Overview of IS25LP256D-RMLA3-TY The **IS25LP256D-RMLA3-TY** is a high-performance 256 Megabit (32 Megabyte) Serial Flash Memory device manufactured by **ISSI (Integrated Silicon Solution Inc.)**. It is designed for systems that require high-speed data access and reliable storage in compact footprints. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 256 Mbit (32 Mbyte) | | **Interface** | SPI, Dual SPI, Quad SPI, and QPI (Quad Peripheral Interface) | | **Clock Frequency** | Up to 133 MHz (Standard/Dual/Quad) | | **Operating Voltage** | 2.3V to 3.6V (Standard 3V Range) | | **Package Type** | 16-pin SOIC (300 mil) | | **Temperature Range** | Automotive Grade A3 (-40°C to +125°C) | | **Data Retention** | 20 Years | --- ### 2. Functional Components The internal architecture of the chip is optimized for fast execution and data integrity: * **Memory Array:** Organized into 256-byte pages. It supports uniform 4KB sectors, 32KB blocks, and 64KB blocks, allowing for flexible erasing strategies. * **Status/Configuration Registers:** These registers manage write protection, output drive strength, and the operating mode (e.g., enabling Quad SPI). * **Safety Features:** * **Hardware Write Protection:** Via the WP# pin. * **Software Protection:** Block protection bits to lock specific portions of the memory. * **Cyclic Redundancy Check (CRC):** Used in some modes to ensure data integrity during transmission. --- ### 3. Understanding the Part Number (Decoding) The part number provides specific details about the chip's physical and electrical characteristics: | Code Segment | Meaning | | :--- | :--- | | **IS25LP** | ISSI Serial Flash, 2.3V - 3.6V Range | | **256D** | 256 Megabit Density, Revision D | | **RM** | Package: 16-pin SOIC 300mil | | **LA3** | Temperature: Automotive Grade 3 (-40°C to +125°C) | | **TY** | Packing Type: Tray (instead of Tape & Reel) | --- ### 4. Application Areas Due to its **Automotive Grade A3** rating, this component is frequently found in: * **Automotive Infotainment:** Dashboard displays and navigation systems. * **ADAS (Advanced Driver Assistance Systems):** Storing sensor data and firmware for cameras/radar. * **Industrial Automation:** High-reliability controllers operating in harsh environments. * **Networking:** High-speed routers and switches requiring fast boot times. --- ### 5. Implementation Example (Basic SPI) To communicate with this chip using a microcontroller, you typically use a standard 4-wire SPI setup. ```cpp // Example: Sending a "Read ID" command (0x9F) // PIN Configuration: CS (Chip Select), MOSI, MISO, SCK void readDeviceID() { digitalWrite(CS_PIN, LOW); // Select the Flash chip SPI.transfer(0x9F); // Send Read Identification Command byte manufacturerID = SPI.transfer(0x00); byte memoryType = SPI.transfer(0x00); byte capacity = SPI.transfer(0x00); digitalWrite(CS_PIN, HIGH); // De-select the Flash chip } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SPI and QPI modes for this device?
    • ⤷ How does the Automotive A3 rating impact the component's lifespan compared to industrial grades?
    • ⤷ Can you explain the 'Uniform Sector' architecture and its advantages for firmware updates?