Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IS401U-US-R

  • AI
    ## Analysis of the IS401U-US-R (Photointerrupter) The **IS401U-US-R** is a specialized electronic component categorized as a **Photointerrupter** (or transmissive optical sensor). Manufactured by Sharp Microelectronics, it consists of an Infrared Emitting Diode (IRED) and a Phototransistor (or high-speed OPIC detector) facing each other across a gap. --- ### 1. Key Technical Specifications The following table outlines the core electrical and physical parameters of the device: | Parameter | Type/Value | Description | | :--- | :--- | :--- | | **Component Type** | Transmissive | Slot-type optical sensor | | **Output Type** | OPIC (Optical IC) | Integrated signal processing for digital output | | **Slot Width** | 3.0 mm | The physical gap between emitter and detector | | **Supply Voltage (Vcc)** | 4.5V to 17V | Flexible range for different logic levels | | **Output Current** | 50 mA | Maximum current the output can sink | | **Response Time** | 3.0 $\mu$s | High-speed switching capability | | **Operating Temp** | -25°C to +85°C | Standard industrial temperature range | --- ### 2. Internal Electronic Structure The IS401U-US-R is not a simple phototransistor; it uses **OPIC (Optical IC)** technology. This provides several electronic advantages: * **Integrated Voltage Regulator:** Allows the sensor to operate across a wide voltage range without affecting performance. * **Amplifier Circuit:** Boosts the signal from the photodiode internally. * **Schmitt Trigger:** Ensures a clean "High" or "Low" digital output (square wave), preventing "chatter" or noise when the object enters the slot slowly. * **Open Collector Output:** This requires a pull-up resistor to interface with microcontrollers like Arduino, ESP32, or PLCs. --- ### 3. Pin Configuration and Connection The device typically features a 3-pin or 4-pin layout depending on the specific sub-series packaging: 1. **Vcc:** Power supply input. 2. **GND:** Common ground. 3. **Vout:** Digital signal output (High when gap is clear, Low when obstructed, or vice versa depending on the specific logic variant). 4. **Anode/Cathode (if separate):** Direct control pins for the internal IR LED. --- ### 4. Typical Applications * **Speed Sensing:** Used with a slotted disk (encoder) to measure RPM. * **Edge Detection:** Identifying the start or end of paper in printers. * **Limit Switching:** Detecting the physical home position of a 3D printer axis or CNC machine. * **Object Counting:** Triggering a count whenever the IR beam is broken on a conveyor. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the pull-up resistor value for the Vout pin?
    • ⤷ What is the difference between this OPIC model and a standard phototransistor interrupter?
    • ⤷ Is there a specific mounting footprint or 3D model available for PCB design?