IS66WVR4M8BLL-R104KLA2
AI

The **IS66WVR4M8BLL-R104KLA2** is a high-performance **Pseudo Static RAM (PSRAM)** manufactured by Integrated Silicon Solution, Inc. (ISSI). It is designed to combine the high density of DRAM with the simple interface of SRAM, making it ideal for mobile and embedded applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | PSRAM (Pseudo Static RAM) |
| **Density** | 32Mb (4M x 8 bits) |
| **Interface** | HyperBus™ (Octal RAM) |
| **Clock Frequency** | 133 MHz (Max) |
| **Data Rate** | 266 MB/s (Double Data Rate - DDR) |
| **Voltage Supply** | 1.7V to 1.95V (Core and I/O) |
| **Operating Temp** | -40°C to +125°C (Automotive A2 Grade) |
| **Package** | 24-ball TFBGA (6mm x 8mm) |
---
### 2. Functional Architecture
This device uses a **DRAM-based core** but includes internal logic to handle refresh cycles automatically, making it appear "Static" to the controller.
#### A. HyperBus™ Interface
Unlike traditional parallel SRAM, this part uses the **HyperBus™ protocol**, which reduces the pin count significantly. It uses an 8-bit bus (DQ0–DQ7) for both addresses and data, utilizing **Double Data Rate (DDR)** signaling where data is transferred on both the rising and falling edges of the clock.
#### B. Low Power Features
* **Deep Power Down (DPD):** Minimizes current draw when the memory is not in use.
* **Partial Array Self-Refresh (PASR):** Allows the chip to refresh only specific sections of memory to save power.
* **Variable Latency:** Adjusts based on clock speed to optimize performance vs. power consumption.
---
### 3. Application Use Cases
Due to its wide temperature range and compact BGA footprint, this part is commonly used in:
1. **Automotive Systems:** Instrument clusters, ADAS sensors, and infotainment.
2. **IoT Devices:** Buffering data for high-resolution sensors or displays.
3. **Industrial Controllers:** Edge computing modules requiring reliable memory in harsh environments.
---
### 4. Comparison: SRAM vs. PSRAM (IS66WVR)
| Feature | Standard SRAM | IS66WVR PSRAM |
| :--- | :--- | :--- |
| **Pin Count** | High (Parallel) | Low (Octal/HyperBus) |
| **Cell Size** | Large (6 Transistors) | Small (1 Transistor + 1 Cap) |
| **Cost per Bit** | High | Low |
| **Complexity** | Simple | Requires HyperBus Controller |
- ⤷
What are the specific advantages of the HyperBus interface over traditional SPI?
- ⤷ How does the 'Automotive A2' grade differ from standard industrial grades?
- ⤷ Can you explain the internal refresh mechanism of a PSRAM?