IS66WVR4M8BLL-R104WLI
AI

The **IS66WVR4M8BLL-R104WLI** is a high-performance **PSRAM** (Pseudo Static Random Access Memory) manufactured by ISSI (Integrated Silicon Solution, Inc.). It is designed for embedded systems that require low power consumption and high density in a compact form factor.
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Density** | 32 Megabit (4M x 8 bits) |
| **Interface** | Octal SPI (8 I/O pins) |
| **Clock Frequency** | 104 MHz (Up to 208 MB/s throughput) |
| **Voltage Range** | 1.7V to 1.95V (Core and I/O) |
| **Current (Active)** | ~15 mA |
| **Current (Standby)** | ~150 µA |
| **Temperature Range** | Industrial (-40°C to +85°C) |
| **Package** | WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Functional Description
This device is a **Pseudo-SRAM**, meaning it uses a DRAM-based memory cell (one transistor, one capacitor) but includes internal logic to handle the refresh cycles automatically. To the system controller, it looks and behaves like a standard SRAM but offers much higher density.
#### Major Features:
* **Octal Interface:** Uses 8 data lines to transfer data, significantly increasing bandwidth compared to standard Quad SPI (QSPI) RAM.
* **Low Power:** Specifically optimized for battery-powered IoT devices and wearables.
* **Burst Operation:** Supports continuous linear bursts or wrapped bursts for efficient data streaming.
* **Hardware Reset:** Includes a dedicated reset pin for system reliability.
---
### 3. Application Use Cases
This specific part is typically found in:
1. **Wearable Technology:** Smartwatches and fitness trackers requiring buffer memory for UI graphics.
2. **IoT End-Nodes:** Devices performing edge computing or data logging.
3. **Embedded Vision:** Acting as a frame buffer for small camera modules.
4. **Audio Processing:** Serving as a delay line or buffer for digital signal processing (DSP).
---
### 4. Part Number Breakdown
The part number follows ISSI's standard nomenclature:
* **IS**: Brand (ISSI)
* **66WVR**: Product Family (Octal SPI PSRAM)
* **4M8**: Organization (4 Meg x 8 bits = 32Mb)
* **BLL**: Voltage (1.8V nominal)
* **104**: Speed (104 MHz)
* **WLI**: Package (WLCSP) and Temperature (Industrial)
---
- ⤷
What is the main advantage of Octal SPI over Quad SPI for PSRAM?
- ⤷ How does the 'Pseudo' aspect of PSRAM affect system timing compared to true SRAM?
- ⤷ Can this memory chip be used with 3.3V logic levels?