Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISC03

  • AI
    The **ISC03** (commonly referred to as the **ISC0301** or **ISC0302** series) is a high-performance **Read-Out Integrated Circuit (ROIC)** developed primarily by FLIR Systems (now Teledyne FLIR). It is a critical electronic component used in Infrared (IR) focal plane arrays. --- ### 1. Key Electronic Specifications The ISC03 is designed to interface with various detector materials like InSb (Indium Antimonide) or MCT (Mercury Cadmium Telluride). | Feature | Specification | | :--- | :--- | | **Array Format** | 320 x 256 pixels | | **Pixel Pitch** | 30 µm | | **Integration Mode** | Snapshot (Integrate-While-Read or Integrate-Then-Read) | | **Input Circuit** | Direct Injection (DI) | | **Maximum Charge Capacity** | ~11 million electrons ($11 \times 10^6 e^-$) | | **Output Channels** | 1, 2, or 4 user-selectable channels | | **Clock Speed** | Up to 10 MHz per channel | --- ### 2. Functional Electronic Blocks The architecture of the ISC03 consists of several internal stages that convert photon-generated current into measurable voltage. #### A. The Unit Cell (Pixel Circuit) Each of the 81,920 pixels contains a **Direct Injection (DI)** circuit. This acts as a buffer between the detector and the storage capacitor, ensuring low input impedance and stable bias for the IR detector. #### B. Integration Capacitors The electrons generated by the infrared light are collected in an on-chip capacitor. The ISC03 allows for high dynamic range by providing a large "well capacity," meaning it can capture a lot of signal before saturating. #### C. Row and Column Decoders Digital logic circuits manage the timing of the readout. They scan through the array, selecting which pixel's voltage is sent to the output amplifiers. #### D. Analog Outputs The stored charge is converted to a voltage and driven off-chip through high-speed analog buffers. These signals are typically sent to an external **Analog-to-Digital Converter (ADC)** for processing. --- ### 3. Pinout and Interface Logic The ISC03 requires several specific electronic inputs to operate correctly: * **Bias Voltages ($V_{det}$):** Precise DC voltages to bias the infrared detector material. * **Clocks ($\Phi$):** Master clock and synchronization pulses (Frame Start, Line Start). * **Digital Control:** Serial interface used to program gain, integration time, and the number of active output channels. --- ### 4. Applications The ISC03 is the "electronic backbone" for thermal imaging sensors used in: * **Handheld Thermography:** High-end industrial thermal cameras. * **Military/Aerospace:** Missile seekers and surveillance gimbals. * **Scientific Research:** High-speed thermal analysis.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Direct Injection (DI) and Capacitive Transimpedance Amplifier (CTIA) circuits in ROICs?
    • ⤷ How does the pixel pitch affect the resolution and sensitivity of the ISC03?
    • ⤷ What are the power consumption requirements for the ISC03 ROIC?