Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISC0805NLS

  • AI
    The **ISC0805NLS** is an electronic component manufactured by **Vishay Dale**. It belongs to the family of **Surface Mount (SMD) Wirewound Inductors**. These components are primarily used in high-frequency applications where stability and high "Q" factors are required. --- ## 1. Technical Specifications The ISC0805NLS is defined by its physical size (0805 package) and its wirewound construction. | Parameter | Specification Details | | :--- | :--- | | **Case Size** | 0805 (2.0 mm x 1.25 mm) | | **Type** | Wirewound Chip Inductor | | **Inductance Range** | Typically 2.2 nH to 2200 nH (depending on sub-model) | | **Tolerance** | Generally ±5% or ±10% | | **Termination** | Lead-free (Pb-free) / RoHS Compliant | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Features * **Wirewound Construction:** Unlike multilayer inductors, wirewound versions offer much higher Current (Idc) ratings and lower Direct Current Resistance (DCR). * **High Q Factor:** Excellent for RF (Radio Frequency) circuits because they maintain high efficiency at high frequencies. * **Small Footprint:** The 0805 size is ideal for compact PCB designs in mobile and handheld devices. * **Non-Magnetic Core:** Often uses a ceramic or ferrite core depending on the specific inductance value needed. --- ## 3. Applications The ISC0805NLS is commonly found in the following electronic circuits: 1. **RF Transceivers:** Used for impedance matching and signal filtering. 2. **Oscillators:** Provides frequency stability in VCO (Voltage Controlled Oscillator) circuits. 3. **Mobile Communication:** Cell phones, Wi-Fi modules, and Bluetooth devices. 4. **Power Decoupling:** Used to filter high-frequency noise in power supply lines. --- ## 4. Part Number Breakdown When ordering or identifying this part, the suffix "LS" usually indicates a specific winding style or lower profile compared to standard versions. ```text ISC - Vishay series identifier (Inductor Surface Mount) 0805 - Package size (Imperial units) N - Non-magnetic/Ceramic (standard for high freq) L - Low Profile/Special winding S - Surface Mount ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between wirewound and multilayer inductors in 0805 packages?
    • ⤷ How does the Q-factor affect the performance of the ISC0805NLS in RF circuits?
    • ⤷ What are the typical DC resistance (DCR) values for this series?