Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISC0901

  • AI
    The **ISC0901** is a high-performance **Read-Out Integrated Circuit (ROIC)** manufactured by Teledyne FLIR. It is specifically designed to interface with Infrared (IR) detector arrays, such as InGaAs (Indium Gallium Arsenide) sensors, commonly used in Short-Wave Infrared (SWIR) imaging. --- ## 1. Core Technical Specifications The ISC0901 acts as the "brain" behind the sensor, converting photon-generated currents into usable electrical signals. | Feature | Specification | | :--- | :--- | | **Array Format** | 640 x 512 pixels | | **Pixel Pitch** | 15 µm | | **Spectral Range** | Optimized for SWIR (0.9 to 1.7 µm) | | **Input Circuit** | Capacitive Transimpedance Amplifier (CTIA) | | **Output Channels** | 1, 2, or 4 selectable outputs | | **Integration Modes** | Integrate-While-Read (IWR) and Integrate-Then-Read (ITR) | --- ## 2. Key Electronic Components & Architecture ### A. Capacitive Transimpedance Amplifier (CTIA) The pixel input circuit uses a **CTIA** design. This is critical for SWIR sensors because: * It maintains a constant bias voltage across the detector. * It provides high linearity and low noise compared to simpler Direct Injection (DI) circuits. * It allows for extremely small charge collection, making it highly sensitive in low-light conditions. ### B. Gain Settings (Full Well Capacity) The chip features selectable integration capacitors to handle different light intensities: * **High Sensitivity:** Small capacitor for low-photon environments (e.g., night vision). * **High Dynamic Range:** Large capacitor to prevent saturation in bright environments. ### C. Snapshot Shutter Unlike "rolling shutters" found in cheap CMOS cameras, the ISC0901 uses a **Snapshot Global Shutter**. All pixels start and stop integration at the exact same time, preventing motion blur or "jello" effects when capturing fast-moving objects. --- ## 3. Signal Flow Logic The electronic process follows this sequence: 1. **Photon Collection:** The detector material (InGaAs) generates a current. 2. **Charge-to-Voltage:** The CTIA converts this current into a voltage stored on a capacitor. 3. **Sample and Hold:** The voltage is sampled and held for readout. 4. **Multiplexing:** The Row and Column drivers sequence the pixels to the output buffers. 5. **Analog Output:** The signal is sent out as an analog voltage to be processed by an external Analog-to-Digital Converter (ADC). --- ## 4. Operational Modes * **Windowing (ROI):** The electronic logic allows the user to read out only a specific portion of the 640x512 array. This increases the frame rate significantly. * **Flipping/Mirroring:** The readout direction can be electronically reversed (Left-to-Right or Top-to-Bottom). ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the ISC0901?
    • ⤷ How does the CTIA circuit compare to Direct Injection in ROICs?
    • ⤷ What external ADC components are typically paired with the ISC0901?