Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISC13009S

  • AI
    The **J13009 (or ISC13009S)** is a high-voltage, high-speed NPN power transistor. It is primarily designed for use in high-frequency switching applications, such as Switch Mode Power Supplies (SMPS) and electronic ballasts. --- ## 1. Key Technical Specifications The "13009" series is known for its high power handling capabilities. Below are the typical parameters for the ISC13009S: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 400V | | **Collector-Base Voltage** | $V_{CBO}$ | 700V | | **Collector Current (Continuous)** | $I_C$ | 12A | | **Collector Current (Peak/Pulse)** | $I_{CP}$ | 24A | | **Total Power Dissipation** | $P_D$ | 100W (approx. @ $T_C = 25^\circ C$) | | **Current Gain** | $h_{FE}$ | 8 to 40 | | **Package Type** | TO-220 / TO-3P | | --- ## 2. Pinout Configuration When looking at the front of the transistor (labels facing you), the pins are generally ordered as follows: 1. **Base (B):** Controls the flow of current between Collector and Emitter. 2. **Collector (C):** Connected to the load (often the heat sink tab is also connected here). 3. **Emitter (E):** Usually connected to the common ground or negative rail. --- ## 3. Notable Features * **High Switching Speed:** Optimized for frequencies used in modern power converters. * **High Reliability:** Built to withstand voltage spikes common in inductive switching. * **Low Saturation Voltage:** Minimizes power loss (heat) when the transistor is fully "ON." --- ## 4. Typical Applications The ISC13009S is most commonly found in: * **PC Power Supplies:** Used in the primary switching stage of ATX power units. * **Electronic Ballasts:** Used in fluorescent lighting circuits. * **Motor Controllers:** High-voltage DC motor driving. * **Inverters:** Converting DC to AC in UPS systems. --- ## 5. Testing with a Multimeter To check if the part is functional using a multimeter in **Diode Mode**: ```text 1. Positive lead on Base, Negative on Emitter -> Should show voltage drop (~0.5V - 0.7V). 2. Positive lead on Base, Negative on Collector -> Should show voltage drop (~0.5V - 0.7V). 3. Any other combination (C to E, E to C) -> Should show "OL" (Open Loop). ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the ISC13009S?
    • ⤷ How do I calculate the heat sink size required for this transistor?
    • ⤷ What is the difference between the 13009 and the 13007 transistor?