Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISC3244AS1

  • AI
    The **ISC3244AS1** is a specialized integrated circuit, typically classified as a **Power Management Integrated Circuit (PMIC)** or a **Step-Down (Buck) DC-DC Converter**. These components are frequently found in consumer electronics, particularly in televisions (T-CON boards) and laptop power rails. --- ### ## 1. Core Technical Specifications The device is designed to convert a higher input voltage into a stable, lower output voltage with high efficiency. | Feature | Specification (Typical) | | :--- | :--- | | **Function** | Synchronous Step-Down (Buck) Converter | | **Input Voltage Range** | Typically 4.5V to 18V | | **Output Current** | Usually rated for 2A to 4A (application dependent) | | **Switching Frequency** | High Frequency (often 500kHz - 800kHz) to reduce inductor size | | **Package Type** | SOP-8 / ESOP-8 (with exposed thermal pad) | | **Control Mode** | PWM (Pulse Width Modulation) | --- ### ## 2. Key Internal Components The "Electronic Parts" inside this IC include several critical sub-circuits that allow it to function: 1. **MOSFETs (High-side & Low-side):** Integrated power transistors that act as switches to chop the input voltage. 2. **PWM Controller:** The "brain" that regulates the timing of the switches based on the feedback loop. 3. **Error Amplifier:** Compares the output voltage to an internal reference (usually 0.6V or 0.8V) to ensure accuracy. 4. **Protection Circuits:** * **OCP:** Over-Current Protection (shuts down if the load is too high). * **OTP:** Over-Temperature Protection (prevents the chip from melting). * **UVLO:** Under-Voltage Lockout (ensures the chip doesn't start until input voltage is stable). --- ### ## 3. Typical Application Circuit To use the ISC3244AS1, several external passive components are required: ```mermaid graph LR Vin --> L1[Inductor] L1 --> Vout Vout --> R1[Feedback Resistor 1] R1 --> FB[Feedback Pin] FB --> R2[Feedback Resistor 2] R2 --> GND ``` * **Inductor (L):** Stores energy during the "on" cycle and releases it during the "off" cycle. * **Input/Output Capacitors:** Smooth out voltage ripples and noise. * **Feedback Resistors:** Form a voltage divider that tells the IC what the current output voltage is. --- ### ## 4. Common Failure Symptoms In repair scenarios (like TV mainboards), if this part fails, you might observe: * **No Power:** The downstream rail (e.g., 1.2V or 3.3V) is missing. * **Short Circuit:** The input rail is pulled to ground because the internal MOSFET is blown. * **Overheating:** The chip becomes too hot to touch almost instantly.
    ✨ Follow-up Questions
    • ⤷ What are the direct pin-to-pin equivalents for the ISC3244AS1?
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What is the maximum thermal operating temperature for this IC?