ISC4B96D
AI

The **ISC4B96D** is an Integrated Circuit (IC) primarily categorized as a **High-Density Power Module** or an **Intermediate Bus Converter (IBC)**, typically manufactured by companies like Renesas (formerly Intersil) or specialized power management firms.
---
### 1. General Specifications
This component is designed to manage high-current power distribution on a Printed Circuit Board (PCB), converting a higher input voltage to a lower, regulated bus voltage.
| Feature | Typical Description |
| :--- | :--- |
| **Component Type** | DC-DC Step-Down (Buck) Converter / Bus Converter |
| **Input Voltage Range** | Typically 36V to 75V (standard telecom range) |
| **Output Voltage** | Regulated or Ratio-metric (e.g., 12V or 9.6V) |
| **Max Current** | High output density (often up to 30A - 50A range) |
| **Package Type** | SMT (Surface Mount) or Through-hole Power Module |
---
### 2. Key Electronic Functions
The internal architecture of the ISC4B96D involves several critical electronic stages:
1. **Switching Controller:** Uses Pulse Width Modulation (PWM) to control the energy flow through power MOSFETs.
2. **Power MOSFETs:** High-efficiency Gallium Nitride (GaN) or Silicon FETs integrated into the module to minimize resistance ($R_{DS(on)}$).
3. **Isolation Barrier:** Often provides galvanic isolation between the input (primary) and output (secondary) to protect sensitive downstream logic.
4. **Magnetic Components:** Integrated planar transformers or high-frequency inductors to facilitate the voltage conversion.
---
### 3. Protection Features
The "D" suffix often denotes specific protection logic or revision levels. Standard electronic safeguards include:
* **OTP (Over-Temperature Protection):** Shuts down the module if internal temperatures exceed safe operating limits (usually $>125^\circ\text{C}$).
* **OCP (Over-Current Protection):** Limits the output current to prevent damage during a short circuit.
* **UVLO (Under-Voltage Lock-Out):** Ensures the device does not attempt to operate until the input voltage is high enough to maintain a stable state.
---
### 4. Typical Applications
These modules are rarely found in consumer electronics; they are specific to industrial and infrastructure hardware:
* **Data Centers:** Converting 48V rack power to 12V for server motherboards.
* **Telecommunications:** Powering base stations and networking switches.
* **Industrial Automation:** Handling high-power distribution for robotics controllers.
- ⤷
What is the pinout configuration for the ISC4B96D module?
- ⤷ How does the efficiency of the ISC4B96D compare to standard discrete buck converters?
- ⤷ Can the ISC4B96D be used in parallel for higher current requirements?