Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCN451P

  • AI
    The **ISCN451P** is a high-performance, single-channel **Optocoupler (Photocoupler)** designed primarily for industrial and communication applications. It is often used to provide electrical isolation between a low-voltage controller (like a microcontroller) and a high-voltage power circuit. --- ### 1. Key Technical Specifications The ISCN451P typically features an Open-Collector output and is known for its high-speed switching capabilities. | Parameter | Typical Value | | :--- | :--- | | **Isolation Voltage** | 5000 Vrms | | **Data Rate** | Up to 1 Mbps | | **Forward Current (If)** | 16 mA (Recommended) | | **Supply Voltage (Vcc)** | 4.5V to 15V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | DIP-8 or SMD-8 | --- ### 2. Internal Components & Structure The device consists of two primary electronic sections separated by a transparent insulation layer: #### A. Input Stage (Emitter) * **Gallium Aluminum Arsenide (GaAlAs) LED:** When current flows through the input pins, this infrared LED emits light. * **Current Limiting:** Requires an external resistor to prevent the LED from burning out. #### B. Output Stage (Detector) * **Integrated Photodiode:** Captures the light emitted by the LED. * **High-Gain Amplifier:** Boosts the signal from the photodiode. * **Open-Collector Transistor:** Acts as a switch. Because it is "open-collector," you must use a **pull-up resistor** on the output pin to define the "High" logic state. --- ### 3. Pin Configuration (DIP-8) Below is the standard pinout for the ISCN451P: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | Anode | LED Positive Input | | 3 | Cathode | LED Negative Input | | 4 | NC | No Connection | | 5 | GND | Ground (Output Side) | | 6 | VO | Output Signal (Collector) | | 7 | VE | Enable / Base Connection (Internal) | | 8 | VCC | Power Supply (Output Side) | --- ### 4. Common Applications * **Microprocessor System Interfaces:** Protecting CPUs from voltage spikes in industrial sensors. * **Isolated Line Receivers:** Eliminating ground loops in long-distance data communication. * **Power Supply Feedback Control:** Providing isolated feedback in Switch Mode Power Supplies (SMPS). * **Motor Drives:** Controlling high-power IGBTs or MOSFETs via low-power logic. --- ### 5. Circuit Implementation Example To use the ISCN451P, the input side is driven like a standard LED, while the output requires a pull-up resistor ($R_L$). ```cpp // Logic Representation Input HIGH -> LED ON -> Photodiode Conducts -> Output Transistor ON -> Pin 6 pulled to GND (LOW) Input LOW -> LED OFF -> Photodiode Dark -> Output Transistor OFF -> Pin 6 pulled to VCC (HIGH) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ISCN451P and the 6N137 optocoupler?
    • ⤷ How do I calculate the pull-up resistor value for the ISCN451P?
    • ⤷ Can the ISCN451P be used for high-speed PWM motor control?