Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCN73P

  • AI
    The **ISCN73P** refers to a specific series of **N-Channel Enhancement Mode Power MOSFETs**, typically manufactured by companies like ISC (InPower Semiconductor). These components are designed for high-current, high-speed switching applications. --- ### 1. Key Technical Specifications The ISCN73P is characterized by its high power density and low "on-resistance." Below are the general parameters typically associated with this part: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage the device can handle when off. | | **Continuous Drain Current ($I_D$)** | 70A - 80A | Maximum current at $T_C = 25^\circ C$. | | **RDS(on)** | ~7-9 mΩ | Static Drain-Source On-Resistance (lower is better). | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 1.0V - 3.0V | Voltage required to turn the MOSFET on. | | **Package Type** | TO-220 / TO-252 | Common power transistor housing styles. | --- ### 2. Internal Structure and Pinout As an N-Channel MOSFET, the device operates by creating an electron channel between the Source and Drain when a positive voltage is applied to the Gate. * **Pin 1 (Gate):** Controls the switching state. * **Pin 2 (Drain):** Connected to the load (positive side). * **Pin 3 (Source):** Connected to the ground or negative side. --- ### 3. Application Use-Cases Due to its high current handling and low thermal resistance, the ISCN73P is found in: 1. **DC-DC Converters:** Used in voltage regulator modules (VRMs) for motherboards. 2. **Motor Control:** Driving DC motors in robotics or automotive tools. 3. **Battery Protection:** Integrated into BMS (Battery Management Systems) for lithium-ion packs. 4. **Power Inverters:** Converting DC power to AC in small UPS systems. --- ### 4. Sample Integration (Logic Level) Because the $V_{GS(th)}$ is relatively low, this MOSFET can often be driven directly by a microcontroller (like an Arduino or ESP32) using a simple resistor circuit. ```cpp // Example: Driving ISCN73P Gate via PWM int gatePin = 9; void setup() { pinMode(gatePin, OUTPUT); } void loop() { analogWrite(gatePin, 128); // 50% Duty Cycle to control motor speed delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the ISCN73P?
    • ⤷ Can the ISCN73P be used as a direct replacement for the IRFZ44N?
    • ⤷ How do I calculate the heat sink requirements for this MOSFET at 50A?