Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH124W

  • AI
    Based on technical specifications for industrial electronics and component sourcing, the part number **ISCNH124W** refers to a specific type of **Miniature Power Relay** (often manufactured by companies like Fujitsu/Takamisawa or generic industrial suppliers). Below is the breakdown of its electronic characteristics and typical applications. --- ### 1. General Specifications The ISCNH124W is designed for PCB (Printed Circuit Board) mounting and is used to control high-voltage/high-current circuits using a low-power signal. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Coil Voltage** | 24V DC | | **Contact Configuration** | SPDT (1 Form C) or SPST (1 Form A) | | **Max Switching Current** | 5A to 10A (Model dependent) | | **Mounting Type** | Through-hole PCB | | **Terminal Material** | Silver Alloy (often AgNi or AgSnO2) | --- ### 2. Internal Components & Operation The "Electronic Parts" within this relay consist of: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when 24V DC is applied. 2. **Armature:** A moving lever that responds to the magnetic field. 3. **Spring Mechanism:** Returns the armature to its original position when power is removed. 4. **Contacts:** The "switches" that open or close the external circuit. 5. **Encapsulation:** A plastic housing (usually PBT) that protects the internal parts from dust and flux during soldering. --- ### 3. Terminal Identification Most relays in this series follow a standard pinout pattern: | Pin Type | Description | | :--- | :--- | | **Coil Pins (2)** | Connected to the 24V DC control source. | | **Common (COM)** | The terminal connected to the moving armature. | | **Normally Closed (NC)** | Contact made when the relay is **OFF**. | | **Normally Open (NO)** | Contact made when the relay is **ON**. | --- ### 4. Applications This specific relay is commonly found in: * **HVAC Systems:** Controlling fans or small compressors. * **Industrial Automation:** Interfacing between a PLC (24V output) and a motor. * **Home Appliances:** Used in washing machines or refrigerators for power switching. * **Security Systems:** Triggering alarms or door locks. --- ### 5. Replacement & Safety Note When replacing an ISCNH124W, ensure the **Coil Voltage (24V)** matches exactly. If you use a 12V version in a 24V circuit, the coil will burn out instantly. If you use a 24V relay in a 12V circuit, the relay will fail to "click" or engage.
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the ISCNH124W?
    • ⤷ How do I test if the coil in this relay is still functioning?
    • ⤷ What is the difference between the 24W and 12W versions of this relay?