Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH249P

  • AI
    The **ISCNH249P** is a high-performance, high-voltage Isolated CAN (Controller Area Network) Transceiver. These components are critical in industrial and automotive environments where sensitive low-voltage controllers need to communicate with high-voltage systems while maintaining electrical safety. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Isolation Rating** | Up to 5000 $V_{RMS}$ | | **Data Rate** | Up to 5 Mbps (CAN FD Support) | | **Supply Voltage (Logic)** | 2.25V to 5.5V | | **Supply Voltage (Bus)** | 4.5V to 5.5V | | **Common Mode Transient Immunity (CMTI)** | >100 kV/µs | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Blocks The device integrates several electronic sub-systems into a single package to ensure robust communication: 1. **Digital Isolator:** Uses capacitive or inductive coupling (depending on the specific manufacturer series) to transfer logic signals across the isolation barrier without physical electrical contact. 2. **CAN Transceiver:** Converts digital TTL/CMOS signals from a microcontroller into differential signals ($CAN_{High}$ and $CAN_{Low}$) used on the physical bus. 3. **Protection Circuitry:** * **ESD Protection:** Protects the bus pins from electrostatic discharge. * **Thermal Shutdown:** Disables the driver if the junction temperature exceeds safe limits. * **Fault Protection:** Often includes protection against bus shorts to high-voltage batteries. --- ### 3. Pin Configuration Overview Typical pinouts for the ISCNH series focus on separating the "Logic Side" from the "Bus Side": | Pin Name | Side | Description | | :--- | :--- | :--- | | **VCC1 / GND1** | Logic | Power supply and ground for the controller/MCU side. | | **TXD / RXD** | Logic | Transmit and Receive data pins connected to the CAN controller. | | **VCC2 / GND2** | Bus | Power supply and ground for the CAN bus driver side. | | **CANH / CANL** | Bus | Differential signal lines for the CAN network. | --- ### 4. Common Applications * **Electric Vehicles (EV):** Communication between the Battery Management System (BMS) and the motor inverter. * **Industrial Automation:** Connecting PLCs to sensors in environments with high electromagnetic interference. * **Solar Inverters:** Managing data between high-voltage DC-AC conversion stages and control units. --- ### 5. Benefits of Using ISCNH249P * **Safety:** Protects human operators and low-voltage circuitry from high-voltage surges. * **Signal Integrity:** High CMTI ensures that data is not corrupted during high-speed switching of power transistors (like IGBTs or SiC MOSFETs). * **Space Saving:** Integrates isolation and the transceiver into one chip, reducing PCB footprint compared to discrete solutions (optocouplers + transceiver).
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the CANH and CANL termination resistors?
    • ⤷ How does the ISCNH249P compare to the ISO1042 in terms of performance?
    • ⤷ Can this component be used in CAN FD (Flexible Data-rate) networks?